Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation SP6682 Datasheet HTML 11Page - Sipex Corporation SP6682 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Date: 5/5/04
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© Copyright 2004 Sipex Corporation
Where Vi, Ii are input voltage and current VF, IF
are the forward voltage and operating current of
White LEDs IQ is quiescent current, which is
considered small compared with IF.
n is the boost ratio (X1.5 or X2)
SP6682 High Voltage White LED Driver
The SP6682 can also be configured as a high
voltage boost converter to drive more than 10
white LEDs. Figure 15 shows the schematic of
this application as well as actual data showing
efficiency of > 85%. By using an external induc-
tor, MOSFET and diode, high output voltage
can be generated to drive 12 white LEDs (2
branches, each branch has 6 white LEDs in
series). The current through the white LEDs is
determined by:
ILED =
VFB
R1
70
75
80
85
90
95
100
2.7
3.0
3.3
3.6
3.9
4.2
VIN (V)
D11
X5R Ceramic
D3
SOT23
R2
15
25V
L1 LQH32CN4R7M11
4.7uH
D12
D8
DS SCHOTTKY MBR0530
D4
Q1
Ceramic
EN/PWM
R1
15
D6
C1
10uF
D9
D7
C3 X5R
2.2uF 25V
D10
D2
R3
1M
ILED = VFB/R1 = 20mA
SP6682
1
2
7
6
5
4
3
8
9
10
V
OUT
C1P
C2N
EN/PWM
FB
V
MODE
V
IN
GND
C1N
C2P
D1
SI1304
D5
Vin: 2.7-4.2V
Figure 15. Using SP6682 as a High Voltage White LED Driver
APPLICATION INFORMATION
PINOUTS
VOUT
C1P
VIN
VMODE
FB
SP6682
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
C2P
C1N
GND
C2N
EN/PWM
SP6682
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
C2P
C1N
GND
C2N
EN/PWM
V
OUT
C1P
V
IN
V
MODE
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com