Electronic Components Datasheet Search
  English  ▼

X  

SP782 Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP782
Description  Programmable Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP782 Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP782 Datasheet HTML 8Page - Sipex Corporation SP782 Datasheet HTML 9Page - Sipex Corporation SP782 Datasheet HTML 10Page - Sipex Corporation SP782 Datasheet HTML 11Page - Sipex Corporation SP782 Datasheet HTML 12Page - Sipex Corporation SP782 Datasheet HTML 13Page - Sipex Corporation SP782 Datasheet HTML 14Page - Sipex Corporation SP782 Datasheet HTML 15Page - Sipex Corporation SP782 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
D
ALTERNATE
END PINS
(BOTH ENDS)
D1 = 0.005" min.
(0.127 min.)
E
PACKAGE:
16-PIN PLASTIC
DUAL–IN–LINE
(NARROW)
A
E1
C
Ø
L
A2
A1 = 0.015" min.
(0.381min.)
B
B1
e = 0.100 BSC
(2.540 BSC)
eA = 0.300 BSC
(7.620 BSC)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A
A2
B
B1
C
D
E
E1
L
Ø
–/0.210
(–/5.334)
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.780/0.800
(19.812/20.320)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0
°/ 15°
(0
°/15°)
16–PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com