Electronic Components Datasheet Search
  English  ▼

X  

1075271 Datasheet(PDF) 2 Page - SICK AG

Part # 1075271
Description  MID RANGE DISTANCE SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1075271 Datasheet(HTML) 2 Page - SICK AG

  1075271 Datasheet HTML 1Page - SICK AG 1075271 Datasheet HTML 2Page - SICK AG 1075271 Datasheet HTML 3Page - SICK AG 1075271 Datasheet HTML 4Page - SICK AG 1075271 Datasheet HTML 5Page - SICK AG 1075271 Datasheet HTML 6Page - SICK AG 1075271 Datasheet HTML 7Page - SICK AG 1075271 Datasheet HTML 8Page - SICK AG 1075271 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT50-2B215552 | Dx50-2
MID RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-19 03:03:08
Subject to change without notice
Ordering information
Type
Part no.
DT50-2B215552
1075271
Other models and accessories
www.sick.com/Dx50-2
Detailed technical data
Performance
Measuring range
200 mm ... 30,000 mm, 90 % remission 1) 2)
200 mm ... 17,000 mm, 18 % remission
200 mm ... 10,000 mm, 6 % remission
Resolution
0.1 mm
Repeatability
0.5 mm ... 5 mm 3) 2) 4)
Accuracy
± 7 mm 4)
Response time
1.67 ms / 6.67 ms / 16.67ms / 50 ms / 150 ms 5) 6)
Switching frequency
500 Hz / 125 Hz / 50 Hz / 16.6 Hz / 5.5 Hz 5) 6)
Output time
0.67 ms / 2.67 ms / 6.67 ms / 20 ms / 60 ms 7) 5)
Light source
Laser, red 8)
Laser class
1 (EN 60825-1)
Typ. light spot size (distance)
10 mm x 10 mm (at 10 m)
Additional function
Set speed: Super Fast ... Super Slow, teach-in, scaling and inversion of analog output, Output
Q2, adaptable: 4 mA ... 20 mA/0 V ... 10 V/switching output/Q1 not/deactivated, Switching
mode: Distance to Object (DtO) / switching window / object between sensor and background
(ObSB), teach-in, scaling and inversion of switching output, IO-Link V1.1 (incl. data storage),
Multifunctional input: laser off / external teach / deactivated, reset to factory default, Shape
comparison: based on the distance measured over a period of time, Hold measurement value,
switch-off or lock display, easy teach option
1) For speed setting Slow.
2) See characteristic curves repeatability.
3) Equivalent to 1 σ.
4) 6 % ... 90 % remission.
5) Depending on the set speed: Super Fast ... Super Slow.
6) Lateral entry of the object into the measuring range.
7) Continuous change of distance in measuring range.
8) Wavelength: 658 nm; max. output: 250 mW; pulse duration: 3 ns; duty cycle: 1/666.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com