Electronic Components Datasheet Search
  English  ▼

X  

1075271 Datasheet(PDF) 8 Page - SICK AG

Part # 1075271
Description  MID RANGE DISTANCE SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1075271 Datasheet(HTML) 8 Page - SICK AG

  1075271 Datasheet HTML 1Page - SICK AG 1075271 Datasheet HTML 2Page - SICK AG 1075271 Datasheet HTML 3Page - SICK AG 1075271 Datasheet HTML 4Page - SICK AG 1075271 Datasheet HTML 5Page - SICK AG 1075271 Datasheet HTML 6Page - SICK AG 1075271 Datasheet HTML 7Page - SICK AG 1075271 Datasheet HTML 8Page - SICK AG 1075271 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT50-2B215552 | Dx50-2
MID RANGE DISTANCE SENSORS
8
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-19 03:03:08
Subject to change without notice
Brief description
Type
Part no.
Mounting bracket, steel, zinc coated, steel, zinc coated, mounting hardware for the sen-
sor included
BEF-WN-DX50
2048370
Terminal and alignment brackets
Alignment unit, steel, zinc coated, mounting hardware for the sensor included
BEF-AH-DX50
2048397
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: male connector, M12, 5-pin, straight, A-coded
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 2 m
DSL-1205-G02MC
6025931



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com