Electronic Components Datasheet Search
  English  ▼

X  

LM3485MM Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3485MM Datasheet HTML 3Page - Texas Instruments LM3485MM Datasheet HTML 4Page - Texas Instruments LM3485MM Datasheet HTML 5Page - Texas Instruments LM3485MM Datasheet HTML 6Page - Texas Instruments LM3485MM Datasheet HTML 7Page - Texas Instruments LM3485MM Datasheet HTML 8Page - Texas Instruments LM3485MM Datasheet HTML 9Page - Texas Instruments LM3485MM Datasheet HTML 10Page - Texas Instruments LM3485MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LOAD CURRENT (mA)
VIN = 12V
VIN = 4.5V
40
50
60
70
80
90
100
10
100
1000
10000
OUTPUT LOAD CURRENT (mA)
3.3VOUT
1.242VOUT
5.0VOUT
0
1
2
3
4
5
0
200
400
600
800
1000
VIN= 4.5V
VIN= 12V
VIN= 24V
0
20
40
60
80
100
120
140
160
-20 -40
0
20
40 60
80 100 120 140
JUNCTION TEMPERATURE (°C)
OUTPUT LOAD CURRENT (mA)
3.3VOUT
1.242VOUT
0
200
400
600
800
1000
0
4
8
12
16
20
0
2
4
6
8
10
0
50
100
150
T (ns)
CPGATE = 540 pF
CPGATE = 1020 pF
CPGATE = 110 pF
CPGATE = 1800 pF
4
12
20
28
36
3.0
3.5
4.0
5.0
5.5
INPUT VOLTAGE (V)
TJ =125qC
TJ = 25qC
TJ = -40qC
4.5
6.0
LM3485
www.ti.com
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified, TJ = 25°C
VIN = 9 V
Figure 7. PGATE Voltage vs Input Voltage
Figure 8. Typical VPGATE vs Time
VIN = 4.5 V
Figure 10. Operating ON-Time vs Output Load Current
Figure 9. Minimum ON-Time vs Temperature
VIN = 12 V
VOUT = 3.3 V
L = 6.8 µH
Figure 11. Operating ON-Time vs Output Load Current
Figure 12. Efficiency vs Load Current
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com