Electronic Components Datasheet Search
  English  ▼

X  

LM3485MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3485MM Datasheet HTML 12Page - Texas Instruments LM3485MM Datasheet HTML 13Page - Texas Instruments LM3485MM Datasheet HTML 14Page - Texas Instruments LM3485MM Datasheet HTML 15Page - Texas Instruments LM3485MM Datasheet HTML 16Page - Texas Instruments LM3485MM Datasheet HTML 17Page - Texas Instruments LM3485MM Datasheet HTML 18Page - Texas Instruments LM3485MM Datasheet HTML 19Page - Texas Instruments LM3485MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
'i
2
3
iout
2 +
IRMS =
VIN - VDS + VD
VOUT + VD
D =
VIN - VDS - VOUT
L =
'i
x
D
f
LM3485
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
www.ti.com
8.2.2.2 Inductor Selection (L1)
The important parameters for the inductor are the inductance and the current rating. The LM3485 operates over
a wide frequency range and can use a wide range of inductance values. A good rule of thumb is to use the
equations used for Simple Switcher®. The equation for inductor ripple (
Δi) as a function of output current (IOUT)
for Iout < 2.0 Amps is Equation 7:
Δi ≤ Iout × 0.386827 × Iout
−0.366726
(7)
For Iout > 2.0 Amps, follow Equation 8:
Δi ≤ Iout × 0.3
(8)
The inductance can be calculated based upon the desired operating frequency using Equation 9 and
Equation 10:
(9)
where
•
D is the duty cycle
•
VD is the diode forward voltage
•
VDS is the voltage drop across the PFET
(10)
The inductor should be rated using Equation 11 and Equation 12:
Ipk = (Iout +
Δi / 2) × 1.1
(11)
(12)
The inductance value and the resulting ripple is one of the key parameters controlling operating frequency. The
second is the ESR.
8.2.2.3 Output Voltage Set Point
The output voltage (VOUT) can be programmed by two external resistors. It can be calculated using Equation 13.
VOUT = 1.242 × (R1 + R2) / R2
(13)
Refer to Typical Application . A good starting point is to select R2 to be in the range of 10 k
Ω to 20 kΩ.
8.2.2.4 Output Capacitor Selection (COUT)
The ESR of the output capacitor times the inductor ripple current is equal to the output ripple of the regulator.
However, the VHYST sets the first order value of this ripple. As ESR is increased with a given inductance, then
operating frequency increases as well. If ESR is reduced then the operating frequency reduces.
The use of ceramic capacitors has become a common practice of many power supply designers. However,
ceramic capacitors have a very low ESR resulting in a 90° phase shift of the output voltage ripple. This results in
low operating frequency and increased output ripple. To fix this problem a low value resistor should be added in
series with the ceramic output capacitor. Although counter intuitive, this combination of a ceramic capacitor and
external series resistance provides highly accurate control over the output voltage ripple. The other types of
capacitors, such as Sanyo POS CAP and OS-CON, Panasonic SP CAP, Nichicon NA series, are also
recommended and may be used without additional series resistance.
For all practical purposes, any type of output capacitor may be used with proper circuit verification.
8.2.2.5 Input Capacitor Selection (CIN)
A bypass capacitor is required between the input source and ground. It must be located near the source pin of
the external PFET. The input capacitor prevents large voltage transients at the input and provides the
instantaneous current when the PFET turns on.
16
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com