Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  250-mA Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73201DBVT Datasheet HTML 3Page - Texas Instruments TPS73201DBVT Datasheet HTML 4Page - Texas Instruments TPS73201DBVT Datasheet HTML 5Page - Texas Instruments TPS73201DBVT Datasheet HTML 6Page - Texas Instruments TPS73201DBVT Datasheet HTML 7Page - Texas Instruments TPS73201DBVT Datasheet HTML 8Page - Texas Instruments TPS73201DBVT Datasheet HTML 9Page - Texas Instruments TPS73201DBVT Datasheet HTML 10Page - Texas Instruments TPS73201DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10 mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/ °C)
I
OUT = 10 mA
All Voltage Versions
100
80
60
40
20
0
0
50
100
150
200
250
IOUT (mA)
+125 °C
+25 °C
-40 °C
TPS73225DBV
100
80
60
40
20
0
-50
- 25
0
25
50
75
100
125
Temperature (°C)
TPS73225DBV
I
OUT = 250 mA
0.5
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
0
50
100
150
200
250
IOUT (mA)
Referred to IOUT = 10 mA
- 40 °C
+125
+25 °C
°C
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN - VOUT (V)
+125 °C
+25 °C
- 40 °C
Referred to V
IN = VOUT + 0.5 V at IOUT = 10 mA
TPS732
www.ti.com
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
6.7 Typical Characteristics
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 1. Load Regulation
Figure 2. Line Regulation
Figure 4. Dropout Voltage vs Temperature
Figure 3. Dropout Voltage vs Output Current
Figure 5. Output Voltage Accuracy Histogram
Figure 6. Output Voltage Drift Histogram
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com