Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  250-mA Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73201DBVT Datasheet HTML 1Page - Texas Instruments TPS73201DBVT Datasheet HTML 2Page - Texas Instruments TPS73201DBVT Datasheet HTML 3Page - Texas Instruments TPS73201DBVT Datasheet HTML 4Page - Texas Instruments TPS73201DBVT Datasheet HTML 5Page - Texas Instruments TPS73201DBVT Datasheet HTML 6Page - Texas Instruments TPS73201DBVT Datasheet HTML 7Page - Texas Instruments TPS73201DBVT Datasheet HTML 8Page - Texas Instruments TPS73201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS732xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS732
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
TPS732xx Capacitor-Free, NMOS, 250-mA Low-Dropout Regulator With Reverse Current
Protection
1 Features
3 Description
The TPS732 family of low-dropout (LDO) voltage
1
•
Stable with No Output Capacitor or Any Value or
regulators uses an NMOS pass element in a voltage-
Type of Capacitor
follower configuration. This topology is stable using
•
Input Voltage Range: 1.7 V to 5.5 V
output
capacitors
with
low
equivalent
series
•
Ultralow Dropout Voltage: 40 mV Typical at
resistance (ESR), and even allows operation without
a capacitor. The device also provides high reverse
250 mA
blockage (low reverse current) and ground pin current
•
Excellent Load Transient Response—With or
that is nearly constant over all values of output
Without Optional Output Capacitor
current.
•
NMOS Topology Provides Low Reverse Leakage
The TPS732 uses an advanced BiCMOS process to
Current
yield high precision while delivering very low dropout
•
Low Noise: 30
μVRMS Typical (10 kHz to 100 kHz)
voltages
and
low
ground
pin
current.
Current
•
0.5% Initial Accuracy
consumption, when not enabled, is less than 1
μA
and ideal for portable applications. The extremely low
•
1% Overall Accuracy (Line, Load, and
output noise (30
μVRMS with 0.1-μF CNR) is ideal for
Temperature)
powering VCOs. These devices are protected by
•
Less Than 1-
μA Maximum IQ in Shutdown Mode
thermal shutdown and foldback current limit.
•
Thermal Shutdown and Specified Min and Max
Current Limit Protection
Device Information(1)
•
Available in Multiple Output Voltage Versions
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
–
Fixed Outputs of 1.2 V to 5 V
TPS732xx
SOT-223 (6)
6.50 mm × 3.50 mm
–
Adjustable Outputs from 1.2 V to 5.5 V
SON (8)
3.00 mm × 3.00 mm
–
Custom Outputs Available
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
•
Portable and Battery-Powered Equipment
•
Post-Regulation for Switching Supplies
•
Noise-Sensitive Circuitry such as VCOs
•
Point-of-Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Typical Application Circuit for Fixed-Voltage Versions
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS73201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201DBVT TI-TPS73201DBVT Datasheet
427Kb / 18P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVT TI-TPS73201DBVT Datasheet
678Kb / 23P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVT TI-TPS73201DBVT Datasheet
919Kb / 26P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVT TI-TPS73201DBVT Datasheet
2Mb / 49P
TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
TPS73201DBVT TI2-TPS73201DBVT Datasheet
2Mb / 47P
TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
REVISED MAY 2025
More results

Similar Description - TPS73201DBVT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com