Electronic Components Datasheet Search
  English  ▼

X  

SAW82F1D Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # SAW82F1D
Description  Enable High Flux and Cost Efficient System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW82F1D Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button SAW82F1D Datasheet HTML 13Page - Seoul Semiconductor SAW82F1D Datasheet HTML 14Page - Seoul Semiconductor SAW82F1D Datasheet HTML 15Page - Seoul Semiconductor SAW82F1D Datasheet HTML 16Page - Seoul Semiconductor SAW82F1D Datasheet HTML 17Page - Seoul Semiconductor SAW82F1D Datasheet HTML 18Page - Seoul Semiconductor SAW82F1D Datasheet HTML 19Page - Seoul Semiconductor SAW82F1D Datasheet HTML 20Page - Seoul Semiconductor SAW82F1D Datasheet HTML 21Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Rev1.0, Apr 6, 2016
www.seoulsemicon.com
Product Data Sheet
SAW82F1D
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend storing Power LEDs in a dry box with a
desiccant.
(2) For manual soldering
Seoul Semiconductor recommends the soldering condition
(ZC series product is not adaptable to reflow process)
a. Use lead-free soldering
b. Soldering should be implemented using a soldering equipment at temperature lower than 350°C.
c. Before proceeding the next step, product temperature must be stabilized at room temperature.
(3) Components should not be mounted on warped (non coplanar) portion of PCB.
(4) Radioactive exposure is not considered for the products listed here in.
(5) It is dangerous to drink the liquid or inhale the gas generated by such products when chemically
disposed of.
(6) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(7) When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
(8) The appearance and specifications of the product may be modified for improvement without
notice.
(9) Long time exposure of sun light or occasional UV exposure will cause silicone discoloration.
(10) Attaching LEDs, do not use adhesive that outgas organic vapor.
(11) The driving circuit must be designed to allow forward voltage only when it is ON or OFF. If the
reverse voltage is applied to LED, migration can be generated resulting in LED damage.
(12) Please do not touch any of the circuit board, components or terminals with bare hands or metal
while circuit is electrically active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com