Electronic Components Datasheet Search
  English  ▼

X  

SAW82F1D Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SAW82F1D
Description  Enable High Flux and Cost Efficient System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW82F1D Datasheet(HTML) 3 Page - Seoul Semiconductor

  SAW82F1D Datasheet HTML 1Page - Seoul Semiconductor SAW82F1D Datasheet HTML 2Page - Seoul Semiconductor SAW82F1D Datasheet HTML 3Page - Seoul Semiconductor SAW82F1D Datasheet HTML 4Page - Seoul Semiconductor SAW82F1D Datasheet HTML 5Page - Seoul Semiconductor SAW82F1D Datasheet HTML 6Page - Seoul Semiconductor SAW82F1D Datasheet HTML 7Page - Seoul Semiconductor SAW82F1D Datasheet HTML 8Page - Seoul Semiconductor SAW82F1D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Rev1.0, Apr 6, 2016
www.seoulsemicon.com
Product Data Sheet
SAW82F1D
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Electro Optical Characteristics, I
F=30mA
1.
Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate(x, y) :
0.005, CCT 5% tolerance.
2.
Seoul Semiconductor maintains a tolerance of ±5% on flux and power measurements.
3.
Ф
V is the total luminous flux output as measured with an integrating sphere.
4.
Tolerance is ±3% on forward voltage measurements.
5.
Tolerance is ±2 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose.
Part Number
CCT (K)
[1]
Typical
Luminous Flux
[2]
ФV [3] [lm]
Typical
Forward Voltage [V]
CRI
[5],
Ra
Viewing
Angle
[degrees]
2Θ ½
Typ.
Tj=25℃
Tj=85℃
Tj=25℃
Tj=85℃
Min.
Typ.
SAW82F1D
6500
715
645
188
178
80
120
4000
755
680
80
120
3000
695
625
80
120
Notes for Table 2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com