Electronic Components Datasheet Search
  English  ▼

X  

SDW07F1C Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SDW07F1C
Description  Enable High Flux and Cost Efficient System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW07F1C Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SDW07F1C Datasheet HTML 10Page - Seoul Semiconductor SDW07F1C Datasheet HTML 11Page - Seoul Semiconductor SDW07F1C Datasheet HTML 12Page - Seoul Semiconductor SDW07F1C Datasheet HTML 13Page - Seoul Semiconductor SDW07F1C Datasheet HTML 14Page - Seoul Semiconductor SDW07F1C Datasheet HTML 15Page - Seoul Semiconductor SDW07F1C Datasheet HTML 16Page - Seoul Semiconductor SDW07F1C Datasheet HTML 17Page - Seoul Semiconductor SDW07F1C Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx7F1C
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
14
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev3.0, Dec 2, 2015
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.32
0.34
0.36
0.32
0.34
0.36
0.38
4700K
5000K
5300K
5600K
B4
B0
X
B2
B5
B1
B3
C4
C0
C2
C5
C1
C3
6000K
CIE Chromaticity Diagram, T
j=25℃, IF=1.5A
B0
B1
B2
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3207
0.3462
0.3292
0.3539
0.3212
0.3389
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
0.3292
0.3539
0.3376
0.3616
0.3293
0.3461
B3
B4
B5
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3293
0.3461
0.3217
0.3316
0.3293
0.3384
0.3293
0.3384
0.3222
0.3243
0.3294
0.3306
0.3369
0.3451
0.3294
0.3306
0.3366
0.3369
0.3373
0.3534
0.3293
0.3384
0.3369
0.3451
C0
C1
C2
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3376
0.3616
0.3463
0.3687
0.3373
0.3534
0.3373
0.3534
0.3456
0.3601
0.3369
0.3451
0.3456
0.3601
0.3539
0.3669
0.3448
0.3514
0.3463
0.3687
0.3552
0.3760
0.3456
0.3601
C3
C4
C5
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3456
0.3601
0.3369
0.3451
0.3448
0.3514
0.3448
0.3514
0.3366
0.3369
0.3440
0.3428
0.3526
0.3578
0.3440
0.3428
0.3514
0.3487
0.3539
0.3669
0.3448
0.3514
0.3526
0.3578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com