Electronic Components Datasheet Search
  English  ▼

X  

SDW07F1C Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # SDW07F1C
Description  Enable High Flux and Cost Efficient System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW07F1C Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button SDW07F1C Datasheet HTML 11Page - Seoul Semiconductor SDW07F1C Datasheet HTML 12Page - Seoul Semiconductor SDW07F1C Datasheet HTML 13Page - Seoul Semiconductor SDW07F1C Datasheet HTML 14Page - Seoul Semiconductor SDW07F1C Datasheet HTML 15Page - Seoul Semiconductor SDW07F1C Datasheet HTML 16Page - Seoul Semiconductor SDW07F1C Datasheet HTML 17Page - Seoul Semiconductor SDW07F1C Datasheet HTML 18Page - Seoul Semiconductor SDW07F1C Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx7F1C
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
15
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev3.0, Dec 2, 2015
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.34
0.36
0.38
0.40
0.34
0.36
0.38
0.40
ANSI
MacAdam 3-STEP
MacAdam 4-STEP
3700K
4000K
4200K
4500K
D11
D10
D23
D24
D22
X
D21
E11
E10
E23
E24
E22
E21
4700K
CIE Chromaticity Diagram, T
j=25℃, IF=1.5A
ANSI
D21
D22
D23
D24
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3528
0.3599
0.3628
0.3732
0.3601
0.3587
0.3511
0.3466
0.3548
0.3736
0.3641
0.3805
0.3645
0.3618
0.3528
0.3599
0.3641
0.3805
0.3736
0.3874
0.3663
0.3699
0.3570
0.3631
0.3628
0.3732
0.3703
0.3728
0.3703
0.3728
0.3560
0.3558
0.3580
0.3697
0.3663
0.3699
0.3670
0.3578
0.3601
0.3587
0.3570
0.3631
0.3681
0.3771
0.3590
0.3521
0.3590
0.3521
E21
E22
E23
E24
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3703
0.3726
0.3890
0.3842
0.3670
0.3578
0.3784
0.3647
0.3736
0.3874
0.3914
0.3922
0.3703
0.3726
0.3806
0.3725
0.3871
0.3959
0.3849
0.3881
0.3765
0.3765
0.3865
0.3762
0.3849
0.3881
0.3871
0.3959
0.3746
0.3689
0.3890
0.3842
0.3784
0.3841
0.4006
0.4044
0.3806
0.3725
0.3952
0.3880
0.3765
0.3765
0.3952
0.3880
0.3784
0.3647
0.3898
0.3716
3-STEP
4-STEP
D10
E10
D11
E11
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.3589
0.3685
0.3764
0.3713
0.3560
0.3557
0.3746
0.3689
0.3665
0.3742
0.3793
0.3828
0.3580
0.3697
0.3784
0.3841
0.3637
0.3622
0.3890
0.3887
0.3681
0.3771
0.3914
0.3922
0.3573
0.3579
0.3854
0.3768
0.3645
0.3618
0.3865
0.3762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com