Electronic Components Datasheet Search
  English  ▼

X  

M31544 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M31544
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M31544 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M31544 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
31544-DSH-001-B
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
Ordering Information
Part Number
Package
Operating Data Rate
Operating Temperature
M31544G-13*
24-pin QFN (RoHS compliant)
125–2970 Mbps
–40 °C to 85 °C
M31564G-13*
16-pin QFN (RoHS compliant)
125–2970 Mbps
–40 °C to 85 °C
* The letter ‘G’ designator after the part number indicates a RoHS-compliant package. Refer to www.mindspeed.com for additional information.
Revision History
Revision
Level
Date
Description
B
Release
November 2013
Removed M31554 support.
Updated power consumption specification Table 1-3.
Updated PCML I/O electrical characteristics Table 1-4.
Updated DC characteristics for digital I/O pins Table 1-5.
Added Analog and digital mute sections in the functional description, Section 4.1.3 and
Section 4.1.4.
Updated timing specifications for the 4-wire interface Table 4-7.
A
Release
July 2013
Initial Release.
M31544/64 Marking Diagram
13
315X4
XXXX.X
YYWW XX
Part Revision
Part Number
Lot Number
Date Country Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com