Electronic Components Datasheet Search
  English  ▼

X  

M31544 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M31544
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M31544 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M31544 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
31544-DSH-001-B
Mindspeed Technologies
®
3
Mindspeed Proprietary and Confidential
1.0 Electrical Characteristics
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
AVDD
Analog power supply voltage
-0.5
2.75
V
VIN,PCML
DC input voltage (PCML)
VSS - 0.5
AVDD + 0.5
V
VIN,CMOS
DC input voltage (CMOS)
VSS - 0.6
AVDD + 0.5
V
TSTORE
Storage temperature
-65
150
°C
TJUNC
Junction temperature
—
125
°C
VESD,HBM
Electrostatic discharge voltage (HBM)
-3000
3000
V
VESD,CDM
Electrostatic discharge voltage (CDM)
-500
500
V
VESD,mm
Electrostatic discharge voltage (mm)
-150
150
V
NOTES:
1.
Exposure of the device beyond the minimum/maximum limits may cause permanent damage.
2.
HBM and CDM per JEDEC Class 2 (JESD22-A114-B).
3.
Limits listed in the above table are stress limits only and do not imply functional operation within these limits.
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
AVDD
Analog power supply voltage
2.37
2.5
2.63
V
TCASE
Operating case temperature
-40
—
85
°C
θJC
Junction to case thermal resistance
M31544/64
—
—
13.8
°C/W
NOTES:
1.
Thermal resistance value is calculated using a 5% increase on the supply voltage and includes all temperature variations.
Table 1-3.
Power Consumption Specifications (1 of 2)
Symbol
Parameter
Typical
Maximum
Unit
AIDD
Core Current
Consumption
One output enabled
Jitter cleaner OFF
Intermediate output swing
42
54
mA
Maximum output swing
44
56
mA
Jitter cleaner ON
Intermediate output swing
56
68
mA
Maximum output swing
57
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com