Electronic Components Datasheet Search
  English  ▼

X  

SP691AEN/TR Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP691AEN/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP691AEN/TR Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP691AEN/TR Datasheet HTML 16Page - Sipex Corporation SP691AEN/TR Datasheet HTML 17Page - Sipex Corporation SP691AEN/TR Datasheet HTML 18Page - Sipex Corporation SP691AEN/TR Datasheet HTML 19Page - Sipex Corporation SP691AEN/TR Datasheet HTML 20Page - Sipex Corporation SP691AEN/TR Datasheet HTML 21Page - Sipex Corporation SP691AEN/TR Datasheet HTML 22Page - Sipex Corporation SP691AEN/TR Datasheet HTML 23Page - Sipex Corporation SP691AEN/TR Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
22
N
1 23
INDEX
AREA
eA
eB
E
SEE
LEAD
DETAIL
c
C
b
-
-
.210
.015
-
Dimensions in (mm)
16 PIN PDIP
JEDEC MS-001
(BB) Variation
.115
.130
.195
.014
.018
.022
.045
.060
.070
.240
.250
.280
A
A1
A2
b
c
D1
E
E1
e
eA
eB
.115
.130
.150
L
MIN
NOM MAX
b2
b3
.030
.039
.045
D
.008
.010
.014
.735
.755
.775
.005
.300
.310
.325
.100 BSC
.300 BSC
.430
D1
-
--
-
-
16 pin PDIP
E
E1
D
A
L
A2
A1
b
b1
e
b3
PACKAGE: 16 PIN PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com