Electronic Components Datasheet Search
  English  ▼

X  

SP691AEN/TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP691AEN/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP691AEN/TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP691AEN/TR Datasheet HTML 2Page - Sipex Corporation SP691AEN/TR Datasheet HTML 3Page - Sipex Corporation SP691AEN/TR Datasheet HTML 4Page - Sipex Corporation SP691AEN/TR Datasheet HTML 5Page - Sipex Corporation SP691AEN/TR Datasheet HTML 6Page - Sipex Corporation SP691AEN/TR Datasheet HTML 7Page - Sipex Corporation SP691AEN/TR Datasheet HTML 8Page - Sipex Corporation SP691AEN/TR Datasheet HTML 9Page - Sipex Corporation SP691AEN/TR Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
6
1.E-04
1.E-05
1.E-06
1.E-07
1.E-08
1.E-09
1.E-10
1.E-11
1.E-12
1.E-13
1.E-14
Figure 7. Reset Threshold vs. Temperature
Figure 9. Reset Delay vs. Temperature
Figure 8. RESET Output Resistance vs. Temperature
Figure 10. Battery Current vs. Input Supply Voltage
Figure 5. V
CC to VOUT On-Resistance vs. Temperature
Figure 6. PFI Threshold vs. Temperature
Temperature (oC)
-60
-30
0
30
60
90
120
150
0.9
0.7
0.5
0.3
V
CC = 4.5V
V
BATT = 2.8V
Temperature (oC)
-60
-30
0
30
60
90
120
150
1.256
1.252
1.248
1.244
1.240
1.236
V
CC = 5V
V
BATT = 0V
Temperature (oC)
-60
-30
0
30
60
90
120
150
4.69
4.68
4.67
4.66
4.65
4.64
4.63
4.62
4.61
4.60
V
BATT = 0V
V
CC Rising
V
CC Falling
Temperature (oC)
-60
-30
0
30
60
90
120
150
400
350
300
250
200
150
100
50
0
Sourcing V
CC = 5V
Sinking V
CC = 4.25V
Temperature (oC)
-60
-30
0
30
60
90
120
150
0.240
0.230
0.220
0.210
0.200
0.190
0.180
V
CC = 5V
V
BATT = 2.8V
V
CC (V)
0
1
2
3
4
5
V
BATT = 2.8V
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com