Electronic Components Datasheet Search
  English  ▼

X  

SP8126B Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8126B
Description  High Speed Differential APC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8126B Datasheet(HTML) 3 Page - Sipex Corporation

  SP8126B Datasheet HTML 1Page - Sipex Corporation SP8126B Datasheet HTML 2Page - Sipex Corporation SP8126B Datasheet HTML 3Page - Sipex Corporation SP8126B Datasheet HTML 4Page - Sipex Corporation SP8126B Datasheet HTML 5Page - Sipex Corporation SP8126B Datasheet HTML 6Page - Sipex Corporation SP8126B Datasheet HTML 7Page - Sipex Corporation SP8126B Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Rev:B Date: 3/18/04
SP8126B High Speed Differential APC Amplifier
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1VCC
Supply Voltage
2
GAIN
Gain Select
3RGCOM
Common connection point for RGAIN1 and RGAIN2
4
GND
Power Ground
5RGAIN1
Gain Adjust 1 (Gain Select = LOW) or OPEN
6RGAIN2
Gain Adjust 2 (Gain Select = HIGH)
7VOUT-
Output Voltage -
8VOUT+
Output Voltage +
Internal Operation
The SP8126B APC circuit has an integrated
photo detector and is designed with nominal
sensitivities of 3mV/
µW for both 650nm and
780nm wavelength laser light. The part's sensi-
tivity can also be adjusted continuously and
independently for two different gain modes via
two external resistors over a range of
±6dB. The
two gain modes are controlled by a TTL com-
patible logic input, called GAIN SELECT. This
logic pin selects between the two external gain
setting resistors to allow independent control
and settings for the two gain functions.
The system is a two stage design, consisting of
a Trans-Impedance Amplifier (TIA) and an out-
put buffer stage. In dark condition the outputs
VOUT- and VOUT+ are set to a reference voltage
that is defined internally as Vcc/2. With 650nm
or 780nm wavelength laser light falling on the
photodetector, the output will swing differen-
tially around Vcc/2 proportional with the light
power according to the chosen gain.
TIA and Gain control
The first stage is a differential TIA used to
convert the photodetector current to a balanced
differential voltage. The traditional fixed feed-
back resistors have been replaced with an active
resistor circuit that sets the trans-impedance value.
A Resistor Control Block that senses the value
of the external gain setting resistor controls the
value of the equivalent feedback resistor.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Settling Time (780nm)
2VPP Step
10
13
ns
(1% of Final Value)
2VPP Step,
15
18
ns
RGAIN = 1230Ω (High Gain)
Output Slew Rate
200
300
V/µs
Output Overshoot
2VPP Step
5
%
Power Supply Current
15
mA
-20°C < TA < +85°C20
mA
Gain Adjust Range
225Ω < RGAIN < 1230Ω
-6
6
dB
Gain Select Input Voltage
0.8
V
VIL (TTL Level)
Gain Select Input Voltage
2.0
V
VIH (TTL Level)
THEORY OF OPERATION
Unless otherwise noted: VCC = 5.0V, CLOAD = 50pF to GND, RLOADP = RLOADN = 1kΩ to GND, RGAIN = 510Ω
(Nominal Gain), -20°C ≤ TA ≤ +85°C, Output measured differentially.
ELECTRICAL SPECIFICATIONS: Continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com