Electronic Components Datasheet Search
  English  ▼

X  

SP8126B Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8126B
Description  High Speed Differential APC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8126B Datasheet(HTML) 5 Page - Sipex Corporation

  SP8126B Datasheet HTML 1Page - Sipex Corporation SP8126B Datasheet HTML 2Page - Sipex Corporation SP8126B Datasheet HTML 3Page - Sipex Corporation SP8126B Datasheet HTML 4Page - Sipex Corporation SP8126B Datasheet HTML 5Page - Sipex Corporation SP8126B Datasheet HTML 6Page - Sipex Corporation SP8126B Datasheet HTML 7Page - Sipex Corporation SP8126B Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Rev:B Date: 3/18/04
SP8126B High Speed Differential APC Amplifier
© Copyright 2004 Sipex Corporation
A major consideration in developing the optical
pick-up head system is the extremely small form
factor, which is additionally aggravated by the
physical locations required by the light path.
Special care must be taken when designing the
Flex or PCB for this part. The output peak
current requirement is in the order of 12.5mA
when driving 50pF of capacitive load with a
slew rate of 250V/
µs Therefore care must be
taken to provide low inductance, low resistance
paths for power and ground and output traces.
Supply coupling is also very important. Good
supply decoupling is important to ensure the
high frequency performance of the system by
eliminating supply lead inductance effects. The
decoupling capacitor C1, as shown in Figure 5,
should be as close to the part as possible. This
Figure 4. Test and Evaluation PCB Layout for COB 8 Lead Package
Top
Bottom
capacitor should be 0.1
µF ceramic. C2 is op-
tional to improve decoupling and is recom-
mended to be 1
µF tantalum. The layout of the
PCB is pictured here. Note the wide and short
traces on the supply lines.
The traces for the gain resistors RGAIN1 and
RGAIN2 are kept as short as possible to avoid
excessive parasitics. Any parasitics on these
nodes will limit the performance of the system.
RGAIN1 and RGAIN2 are subminiature potentiom-
eters in the application. This is a single layer
board using FR4 material.
In order to minimize coupling capacitance into
the gain setting resistor nodes, it is also critical
that VOUT+ and VOUT- are routed away from the
traces associated with the gain-setting resistors.
LAYOUT AND ROUTING CONSIDERATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com