Electronic Components Datasheet Search
  English  ▼

X  

TCR2DG19 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR2DG19
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG19 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR2DG19 Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG19 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TCR2DG series
2014-03-01
4
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.47 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage accuracy
VOUT
⎯
-1.0
⎯
+1.0
%
Input voltage
VIN
⎯
2.0
⎯
5.5
V
Line regulation
Reg・line
2.0 V ≤ VIN ≤ 5.5 V, IOUT = 1 mA
⎯
0.1
5
mV
Load regulation
Reg・load
1 mA ≤ IOUT ≤ 150 mA
⎯
5
10
mV
Quiescent current
IB
IOUT = 0 mA
⎯
45
70
μA
Stand-by current
IB (OFF)
VCT = 0 V
⎯
0.1
0.7
μA
Drop-out voltage
VIN-VOUT
IOUT = 100 mA (Note 2)
⎯
75
130
mV
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
⎯
70
⎯
ppm/°C
VOUT = 1.2 V
⎯
14
⎯
VOUT = 2.5 V
⎯
18
⎯
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz ≤ f ≤ 100 kHz,
Ta
= 25°C
VOUT = 3.0 V
⎯
22
⎯
μVrms
VOUT = 1.2 V
⎯
85
⎯
VOUT = 2.5 V
⎯
75
⎯
f
= 1 kHz
VOUT = 3.0 V
⎯
73
⎯
VOUT = 1.2 V
⎯
68
⎯
VOUT = 2.5 V
⎯
62
⎯
f
= 10 kHz
VOUT = 3.0 V
⎯
60
⎯
VOUT = 1.2 V
⎯
50
⎯
VOUT = 2.5 V
⎯
50
⎯
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V,
IOUT = 10 mA,
VRipple =500mVp-p,
Ta
= 25°C
f
= 100 kHz
VOUT = 3.0 V
⎯
50
⎯
dB
Load transient response
⊿
VOUT
IOUT = 1mA ⇔150mA, COUT = 1.0 μF
⎯
±65
⎯
mV
Control voltage (ON)
VCT (ON)
⎯
1.1
⎯
5.5
V
Control voltage (OFF)
VCT (OFF)
⎯
0
⎯
0.5
V
Note 2:
The 2.5 V output product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com