Electronic Components Datasheet Search
  English  ▼

X  

SPX1582 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Date:5/25/04
SPX1582 3A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Adjustable Regulator Design
1.25V reference voltage is being developed be-
tween the SENSE pin and the ADJ pin of the
SPX1582. Adding two external resistors (see fig
1.) will allow setting the output voltage from
1.25V to 6V. R1 is chosen so that this current is
specified minimum load current of 10mA. R2 is
given by the formula: VOUT = VREF (1+ R2/R1)
+ IADJ (R2). The current flowing from the ADJ
pin is typicaly 50
µA. This ADJ pin contributes
to the final VOUT but is usually neglected.
Connecting the sense pin to the top of the resis-
tor divider will improve load regualtion.
Lowering Noise
Using the SENSE pin to Kelvin the load will
increase accuracy of the output voltage during
load regulation. For the fixed voltage device,
adding a capacitor at the GND pin will improve
transient response. THis capacitor is chosen in
the range of 1
µF to 0.1µF and will depend on the
amount of output capacitance in the system.
APPLICATION NOTES: Continued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com