Electronic Components Datasheet Search
  English  ▼

X  

SPX1582 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Date:5/25/04
SPX1582 3A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
ORDERING INFORMATION
Part Number
Accuracy
Output Voltage
Packages
SPX1582U5 ............................... 2.0% ............................. Adj .......................... 5-Pin TO-220
SPX1582U5-2.5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-220
SPX1582U5-2.8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-220
SPX1582U5-3.3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-220
SPX1582T5 ................................ 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5/TR .......................... 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5-2.5 .......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2.5/TR .................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2.8 .......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-2.8/TR .................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-3.3 .......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
SPX1582T5-3.3/TR .................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1582T5-3.3/TR = standard; SPX1582T5-L-3.3/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com