Electronic Components Datasheet Search
  English  ▼

X  

SPX2808 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2808
Description  300mA Low Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2808 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2808 Datasheet HTML 1Page - Sipex Corporation SPX2808 Datasheet HTML 2Page - Sipex Corporation SPX2808 Datasheet HTML 3Page - Sipex Corporation SPX2808 Datasheet HTML 4Page - Sipex Corporation SPX2808 Datasheet HTML 5Page - Sipex Corporation SPX2808 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Date: 5/25/04
SPX2808 300mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
300mA Low Dropout Voltage Regulator
SPX2808
DESCRIPTION
FEATURES
■ 3.3V and 3.5V Versions
■ Input-Output Differential is 0.35V at 200mA
■ Input-Output Differential is 0.45V at 300mA
■ Mirror-Image Insertion Protection
■ Internal Thermal Protection
■ Available in SOT-223 and SOT-89
Packages
■ Short Circuit Protection
■ 2% Output Accurancy, SPX2808A
®
The SPX2808 is a low power, positive voltage regulator. This device is an excellent choice for
use in battery-powered applications such as cordless telephones, radio control systems, and
portable computers. The SPX2808 features offers very low quiescent currents (0.4mA), and very
low drop output voltage (50mV at light load and 450mV at 300mA). The SPX2808 is offered in
a 3-pin SOT-223 and SOT-89 package.
APPLICATIONS
■ CD-ROMs
■ Scanners
■ Radio Control Systems
TYPICAL APPLICATIONS CIRCUIT
SPX2808
V
IN
C
1
V
OUT
1µF
100µF,
ESR 0.05 to 0.6
ohms
Gnd
■ Portable Instrumentation
■ Cordless Telephones
■ USBs
■ Toys
SOT-89 (M1)
Top View
1
V
IN
2
GND
3
V
OUT
1
V
IN
2
GND
3
V
OUT
SOT-223 (M3)
Now Available in Lead Free Packaging


Similar Part No. - SPX2808

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
1A Low Dropout Positive Linear Regulator
SPX2810AM3 SIPEX-SPX2810AM3 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-1.5 SIPEX-SPX2810AM3-1.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-2.5 SIPEX-SPX2810AM3-2.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2808

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com