Electronic Components Datasheet Search
  English  ▼

X  

SPX2808 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2808
Description  300mA Low Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2808 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2808 Datasheet HTML 1Page - Sipex Corporation SPX2808 Datasheet HTML 2Page - Sipex Corporation SPX2808 Datasheet HTML 3Page - Sipex Corporation SPX2808 Datasheet HTML 4Page - Sipex Corporation SPX2808 Datasheet HTML 5Page - Sipex Corporation SPX2808 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Date: 5/25/04
SPX2808 300mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Peak Output Current
Figure 2. Minimum Power Dissipation (SOT-89)
800
500
0
INPUT VOLTAGE (V)
200
100
10
20
300
400
30
0
T
J = 25ºC
T
J
= 85ºC
T
J
= -40ºC
0.0
010 20
40
70 80
AMBIENT TEMPERATURE (ºC)
30
50 60
90
0.4
0.8
1.2
1.6
2.0
The SPX2808 requires an output capacitor for
device stability. The value required varies greatly
depending upon the application circuit and other
factors. The high frequency characteristics of
electrolytic capacitors depend greatly on the
type and also on the manufacturer. Sometimes
only bench testing is the only means to deter-
mine the proper capacitor type and value. The
high quality 100
µF aluminum electrolytic cov-
ers all general application circuits, this stability
can be obtained with a tantalum electrolytic
value of 47
µF.
Another critical point of electrolytic character-
istics is its performance over temperature. The
SPX2808 is designed to operate starting at -
40
°C which may not be true in the case of
electrolytic. Higher temperatures generally no
problem. The electrolytic. type in aluminum
will freeze around -30
°C. This could cause an
oscillation at output of regulator. At a lower
temperature requirement by many applications
the capacitor should maintain its performance.
So as a result, for an application which regulator
junction temperature does not exceed 25
°C, the
output capacitor can be reduced by the factor of
two over the value needed for the entire tem-
perature range.
In most applications the SPX2808 is operating
at few milliamps. In these applications the out-
put capacitance can be further reduced. For
example, when the regulator is running at 10mA
output current the output capacitance value is
half compared to the same regulator that is
running at 100mA. The value decreases with
higher output voltages, since the internal loop
gain is reduced.
The worst case occurs at the lower temperature
and maximum operating currents, the entire
circuit and the electrolytic, should be cooled
down to the minimum temperature. The mini-
mum of 0.6 volts required at the input of regula-
tor above the output to keep the power dissipa-
tion and die heating to its minimum. After the
value for the capacitor has been determined for
actual use, the value should be doubled.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com