Electronic Components Datasheet Search
  English  ▼

X  

XC6190B Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6190B
Description  Push Button Reboot Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6190B Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6190B Datasheet HTML 9Page - Torex Semiconductor XC6190B Datasheet HTML 10Page - Torex Semiconductor XC6190B Datasheet HTML 11Page - Torex Semiconductor XC6190B Datasheet HTML 12Page - Torex Semiconductor XC6190B Datasheet HTML 13Page - Torex Semiconductor XC6190B Datasheet HTML 14Page - Torex Semiconductor XC6190B Datasheet HTML 15Page - Torex Semiconductor XC6190B Datasheet HTML 16Page - Torex Semiconductor XC6190B Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
XC6190
Series
■
NOTE ON USE
1.
For temporary, transitional voltage drop or voltage rising phenomenon, the IC is liable to malfunction should the
ratings be exceeded.
2.
Please use this IC within the specified operating ranges.
3.
On the XC6190AN15xx and XC6190BN25xx, sufficiently reinforce the VIN – GND line, as power noise may cause
malfunctioning of the internal counter circuit. If necessary, connect a capacitor of at least 0.01μF between VIN-GND
near the IC.
On the XC6190AC15xx and XC6190BC25xx, connect a capacitor of at least 0.01μF between VIN-GND near the IC.
4.
Connection of any component other than a resistor to the RT pin is prohibited on the XC6190Axxxxx-G. This may
cause malfunctioning.
Connect the external resistance (RT) between RT pin – GND near the IC.
5.
When the mid voltage between “L” and “H” voltage is input into SW pin 1 and 2, the start-up and stop of the IC
malfunction. So please pay attention to the external components so that the mid voltage between “L” and “H” is not
input excessively and continuously to SW pin1 and 2.
6.
When using for an application other than a push-button application, design the timing to include deviations and test
sufficiently with the actual device before use.
7.
Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products
in their systems.
(Note) The following products are under development.
XC6190AC158R-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com