Electronic Components Datasheet Search
  English  ▼

X  

XC6190B Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6190B
Description  Push Button Reboot Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6190B Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6190B Datasheet HTML 2Page - Torex Semiconductor XC6190B Datasheet HTML 3Page - Torex Semiconductor XC6190B Datasheet HTML 4Page - Torex Semiconductor XC6190B Datasheet HTML 5Page - Torex Semiconductor XC6190B Datasheet HTML 6Page - Torex Semiconductor XC6190B Datasheet HTML 7Page - Torex Semiconductor XC6190B Datasheet HTML 8Page - Torex Semiconductor XC6190B Datasheet HTML 9Page - Torex Semiconductor XC6190B Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/21
XC6190 Series
■
FUNCTION TABLE
PIN
BIAS
CONDITION
STATUS
SW1
H
Standby Mode
L
Active Mode
OPEN
Standby Mode
SW2
H
Standby Mode
L
Active Mode
OPEN
Standby Mode
TS(*2)
H(*4)
TDL=12.5s
L(*5)
TDL=7.5s
OPEN
Undefined State(*3)
(*1) When either the SW1 pin or the SW2 pin is H-level, the IC enters Standby Mode.
(*2) Short-circuited the TS pin to VIN or GND.
(*3) Leaving the TS pin open is prohibited as it will cause unstable operation.
(*4) TS pin “H” level is VIN level.
(*5) TS pin “L” level is GND level.
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +7.0
V
SW1 Pin Voltage
VSW1
-0.3 ~ +7.0
V
SW2 Pin Voltage
VSW2
-0.3 ~ +7.0
V
RT Pin Voltage
VRT
-0.3 ~ VIN+0.3 or +7.0 (*1)(*2)
V
TS pin Voltage
VTS
-0.3 ~ VIN+0.3 or +7.0 (*1)(*3)
V
RSTB Pin Voltage
VRSTB
-0.3 ~ +7.0(*4)
V
-0.3~VIN+0.3 or +7.0 (*1)(*5)
RSTB Pin SINK Current
ISINK
40
mA
RSTB Pin SOURCE Current
ISOURCE
40(*5)
mA
Power
Dissipation
USPN-6
Pd
600
mW
USPN-6B01
600
Operating Ambient
Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
Each voltage rating is based on the reference VSS.
(*1) The maximum value is the lower of either VIN + 0.3 or +7.0V.
(*2) Apply to Type A.
(*3) Apply to Type B.
(*4) Apply to XC6190AN15xx and XC6190BN25xx.
(*5) Apply to XC6190AC15xx and XC6190BC25xx.
(Note) The following products are under development.
XC6190AC158R-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com