Electronic Components Datasheet Search
  English  ▼

X  

SPX29150 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX29150 Datasheet HTML 1Page - Sipex Corporation SPX29150 Datasheet HTML 2Page - Sipex Corporation SPX29150 Datasheet HTML 3Page - Sipex Corporation SPX29150 Datasheet HTML 4Page - Sipex Corporation SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
at V
IN=VOUT + 1V and IOUT = 10mA, CIN = 6.8µF, COUT = 10µF, TA = 25°C, unless otherwise specified. The Boldface applies
over the junction temperature range. Adjustable versions are set to 5.0V.
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
FLAG OUTPUT (ERROR COMPARATOR)
SPX29150/29151/29153
Output Leakage
V
OH=16V
0.1
1
µA
Current
2
Output Low Voltage
Device set for 5V,V
IN=4.5V, IOL=250µA
200
300
mV
400
Upper Threshold
Device set for 5V, (Note 5)
60
40
mV
Voltage
25
Lower Threshold
Device set for 5V, (Note 5)
75
95
mV
Voltage
140
Hysteresis
Device set for 5V, (Note 5)
15
mV
ENABLE Input
SPX29151/29152
Input Logic Voltage
Low (OFF)
V
IN<10V
0.8
V
High (ON)
2.4
ENABLE Input Pin
V
EN=16V
100
600
µA
750
V
EN=0.8V
1
µA
2
Regulator Output
(Note 6)
10
500
µA
Current in Shutdown
Thermal Resistance
TO-200 Junction to Case, at Tab
3
°C/W
TO-220 Junction to Ambient
60
TO-263Junction to Case, at Tab
3
TO-263 Junction to Ambient
60
NOTES:
Note 1: Dropout voltage is defined as the input to output differential when the output voltage drops to 99% of its nominal value.
Note 2: VIN = VOUT (NOMINAL) +1V. For example, use VIN = 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize temperature rise.
Note 3: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground current.
Note 4: Thermal regulation is defined as the change in the output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation
effects.
Note 5: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured 6V input. To
express these thresholds in terms of output voltage change, multiply the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmable
output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Threshold remain constant as a percent of
VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 6: VEN ≤ 0.8V and VIN ≤ 16V, VOUT = 0.
Note 7: Maximum positive supply voltage of 20V must be of limited duration (<100m_) < 1%. The maximum continuous supply voltage is 16V.
Note 8: VREF≤ VOUT ≤ (VIN-1), 2.5V≤VIN ≤ 16V, 10mA ≤ IL ≤ IFL, Tj < Tjmax.
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
28V
R1*
R2*
1.180V
1.240V
+
+
--
FLAG
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com