Electronic Components Datasheet Search
  English  ▼

X  

SPX29150 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX29150 Datasheet HTML 1Page - Sipex Corporation SPX29150 Datasheet HTML 2Page - Sipex Corporation SPX29150 Datasheet HTML 3Page - Sipex Corporation SPX29150 Datasheet HTML 4Page - Sipex Corporation SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
6
Figure 15. Dropout Voltage vs Temperature at
I
LOAD=750mA
Figure 17. ENABLE Current vs Temperature at V
EN=16V
Figure 18. ENABLE Threshold vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
150
170
190
210
230
250
270
290
310
330
350
-40
-20
0
20
40
60
80
100
120
Temperature (o C)
3.3V Device
IL = 750mA
CL = 10 F
320
340
360
380
400
420
440
460
480
500
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
IL = 750mA
CL = 10 F
0
5
10
15
20
25
30
35
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
Figure 16. Dropout Voltage vs Temperature at
I
LOAD=1.5A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com