Electronic Components Datasheet Search
  English  ▼

X  

XC9141 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9141
Description  Load Disconnection Function, 0.8A Step-up DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9141 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9141 Datasheet HTML 15Page - Torex Semiconductor XC9141 Datasheet HTML 16Page - Torex Semiconductor XC9141 Datasheet HTML 17Page - Torex Semiconductor XC9141 Datasheet HTML 18Page - Torex Semiconductor XC9141 Datasheet HTML 19Page - Torex Semiconductor XC9141 Datasheet HTML 20Page - Torex Semiconductor XC9141 Datasheet HTML 21Page - Torex Semiconductor XC9141 Datasheet HTML 22Page - Torex Semiconductor XC9141 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
XC9141/XC9142
Series
■
TYPICAL PERFO RMANCE CHARACTERISTICS (Continued)
(12) CE "H" Voltage vs. Ambient Temperature
(13) CE "L" Voltage vs. Ambient Temperature
(14) Lx SW "H" Leakage Current vs. Ambient temperture
(15) Lx SW "L" Leakage Current vs. Ambient temperture
(16) Oscillation Frequency vs. Ambient temperture
L=4.7μH(LQH5BPN4R7NT0L)
L=2.2μH(LQH5BPN2R2NT0L)
C
IN=10μF(GRM188R60J106M),CL=10μF(GRM188R60J106M)
C
IN=10μF(GRM188R60J106M),CL=10μF(GRM188R60J106M)
XC9141xxxD / XC9142xxxD
XC9141xxxC / XC9142xxxC
XC9142C
XC9141A / XC9142A
XC9141B / XC9142B
XC9141 / XC9142
XC9141 / XC9142
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50-25
0
25
50
75100
Ambient Temperature : Ta(℃)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
255075
100
Ambient Temperature : Ta(℃)
VOUT=1.0, 1.8, 3.0, 5.0V
VOUT=1.0, 1.8, 3.0, 5.0V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50-25
0
25
50
75100
Ambient Temperature : Ta[℃]
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
-50
-25
0
255075
100
Ambient Temperature : Ta[℃]
VOUT=5.0V
VOUT=3.3V
VOUT=1.8V
VOUT=5.0V
VOUT=3.3V
VOUT=1.8V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
255075
100
Ambient Temperature : Ta[℃]
VLx=6.0V
VLx=6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com