Electronic Components Datasheet Search
  English  ▼

X  

XC9142 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9142
Description  Load Disconnection Function, 0.8A Step-up DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9142 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9142 Datasheet HTML 9Page - Torex Semiconductor XC9142 Datasheet HTML 10Page - Torex Semiconductor XC9142 Datasheet HTML 11Page - Torex Semiconductor XC9142 Datasheet HTML 12Page - Torex Semiconductor XC9142 Datasheet HTML 13Page - Torex Semiconductor XC9142 Datasheet HTML 14Page - Torex Semiconductor XC9142 Datasheet HTML 15Page - Torex Semiconductor XC9142 Datasheet HTML 16Page - Torex Semiconductor XC9142 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
XC9141/XC9142
Series
■
NOTE ON USE (Continued)
16) Instructions for pattern layouts
1.
In order to stabilize VBAT voltage level, we recommend that a by-pass capacitor CIN is connected as close as possible to the BAT and
GND pins.
2.
Please mount each external component as close to the IC as possible.
3.
Place external components as close to the IC as possible and use thick and short traces to reduce the circuit impedance.
4.
Make sure that the PCB GND traces are thick and wide as possible. GND voltage level fluctuation created by high ground current at
the time of switching may cause instability of the IC.
5.
The internal driver transistors bring on heat because of the IIN current and ON resistance of the driver transistors.
<
Example of pattern layout>
SOT-25
PCB mounted
1st layer
2nd layer
USP-6C
PCB mounted
1st layer
2nd layer
WLP-6-01
PCB mounted
1st layer
2nd layer
6.
Note on mounting (WLP-6-01)
6-1. Mount pad design should be optimized for user's conditions.
6-2. Sn-AG-Cu is used for the package terminals. If eutectic solder is used, mounting reliability is decreased. Please do not
use eutectic solder paste.
6-3. When underfill agent is used to increase interfacial bonding strength, please take enough evaluation for selection. Some
underfill materials and applied conditions may decrease bonding reliability.
6-4. The IC has exposed surface of silicon material in the top marking face and sides so that it is weak against mechanical
damages. Please take care of handling to avoid cracks and breaks.
6-5. The IC has exposed surface of silicon material in the top marking face and sides. Please use the IC with keeping the circuit
open (avoiding short-circuit from the out).
6-6. Semi-transparent resin is coated on the circuit face of the package. Please be noted that the usage under strong lights may
affects device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com