Electronic Components Datasheet Search
  English  ▼

X  

XC9142 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9142
Description  Load Disconnection Function, 0.8A Step-up DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9142 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9142 Datasheet HTML 1Page - Torex Semiconductor XC9142 Datasheet HTML 2Page - Torex Semiconductor XC9142 Datasheet HTML 3Page - Torex Semiconductor XC9142 Datasheet HTML 4Page - Torex Semiconductor XC9142 Datasheet HTML 5Page - Torex Semiconductor XC9142 Datasheet HTML 6Page - Torex Semiconductor XC9142 Datasheet HTML 7Page - Torex Semiconductor XC9142 Datasheet HTML 8Page - Torex Semiconductor XC9142 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC9141/XC9142
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC9141①②③④⑤⑥-⑦ PWM control
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) D and E types are under development.
XC9142①②③④⑤⑥-⑦ PWM/PFM automatic switching control
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) D, E, and F types are under development.
●
Selection guides
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
B
D(*2)
E(*2)
②③
Output Voltage
18∼55
Output voltage options e.g. 1.8V → ②=1, ③=8
④
Oscillation Frequency
C
1.2MHz
D
3.0MHz
⑤⑥-⑦(*1)
Packages (Order Unit)
MR-G
SOT-25 (3,000pcs/Reel)
ER-G
USP-6C (3,000pcs/Reel)
0R-G
WLP-6-01 (5,000pcs/Reel)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
B
C
D(*2)
E(*2)
F(*2)
②③
Output Voltage
18∼55
Output voltage options e.g. 1.8V → ②=1, ③=8
④
Oscillation Frequency
C
1.2MHz
D
3.0MHz
⑤⑥-⑦(*1)
Packages (Order Unit)
MR-G
SOT-25 (3,000pcs/Reel)
ER-G
USP-6C (3,000pcs/Reel)
0R-G
WLP-6-01 (5,000pcs/Reel)
TYPE
OUTPUT
VOLTAGE
CHIP
ENABLE
SOFT-
START
CURRENT
LIMIT
SHORT
PROTECTION
WITH LATCH
CL AUTO-
DISCHARGE
SHUTDOWN
OPTIONS
AT CE=L
A
Fixed
Yes
Fixed
Yes
(without latch )
No
Yes
Complete Output
Disconnect(*2)
B
Fixed
Yes
Fixed
Yes
(without latch )
No
No
Input-to-Output
Bypass(*2)
C(*1)
Fixed
Yes
Fixed
Yes
(without latch )
No
No
Complete Output
Disconnect(*3)
D(*4)
Fixed
Yes
Fixed
Yes
(with integral latch)
Yes
Yes
Complete Output
Disconnect(*2)
E(*4)
Fixed
Yes
Fixed
Yes
(with integral latch)
Yes
No
Input-to-Output
Bypass(*2)
F(*1) (*4)
Fixed
Yes
Fixed
Yes
(with integral latch)
Yes
No
Complete Output
Disconnect(*3)
(*1) Type C,F is available for the XC9142 series only.
(*2) VOUT pin can not be connected to the different output pin such as another supply (AC adaptor).
(*3) VOUT pin can be connected to the different output pin such as another supply (AC adaptor).
(*4) D, E, and F types are under development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com