Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL219
Description  1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL219 Datasheet HTML 1Page - Torex Semiconductor XCL219 Datasheet HTML 2Page - Torex Semiconductor XCL219 Datasheet HTML 3Page - Torex Semiconductor XCL219 Datasheet HTML 4Page - Torex Semiconductor XCL219 Datasheet HTML 5Page - Torex Semiconductor XCL219 Datasheet HTML 6Page - Torex Semiconductor XCL219 Datasheet HTML 7Page - Torex Semiconductor XCL219 Datasheet HTML 8Page - Torex Semiconductor XCL219 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XCL219/XCL220Series
1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
☆
GreenOperationCompatible
ETR28010-001
■
GENERAL DESCRIPTION
The XCL219/XCL220 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control
IC in one tiny package (2.0mm×2.5mm, h=1.0mm). An internal coil simplifies the circuit and enables minimization of noise and
other operational trouble due to the circuit wiring. A wide operating voltage range of 2.5V to 5.5V enables support for
applications that require an internally fixed output voltage (0.8V to 3.6V). The XCL219/XCL220 series uses synchronous
rectification at an operating frequency of 3.0MHz. The XCL219/XCL220 series uses HiSAT-COT (*) synchronous rectification.
HiSAT-COT+PWM control (XCL219) or HiSAT-COT+automatic PWM/PFM switching control (XCL220) can be selected.
The series have a high speed soft-start as fast as 0.3ms in typical for quick turn-on. With the built-in UVLO (Under Voltage Lock
Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 2.0V or lower. When CE=Low,
the integrated CL discharge function which enables the electric charge at the output capacitor CL to be discharged via the internal
discharge switch located between the LX and VSS pins. The power consumption will be less than 1.0μA.
(*) HiSAT-COT is an original Torex term for High Speed Transient Response.
■
APPLICATIONS
●
Note Book PC
●
Tablet PC
●
SSD(Solid State Drive)
●
Mobile phone
●
Digital still camera
●
Portable game machine
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Input Voltage
: 2.5V~5.5V
Output Voltage
: 0.8V~3.6V(±2.0%)
Oscillation Frequency
: 3.0MHz
Output Current
: 1.0A
Efficiency
: 93% (VIN=5.0V, VOUT=3.3V/300mA)
Control Methods
: HiSAT-COT
100% Duty Cycle
HiSAT-COT+PWM (XCL219)
HiSAT-COT+PWM/PFM (XCL220)
Circuit Protection
: Thermal Shut Down
Current Limit Circuit (Drop)
Short Circuit Protection (Latch)
Functions
: Soft-start Circuit Built-in
UVLO
CL Discharge
Output Capacitor
: Low ESR Ceramic Capacitor
Operating Ambient Temperature : -40℃~+105℃
Package
: CL-2025-02
Environmental Friendly
: EU RoHS Compliant, Pb Free
XCL219/XCL220 (VOUT=3.3V)
1.0A
CIN
4.7μF
CL
10μF
7
8
1
2
3
4
5
6
PGND
VIN
Lx
CE
VOUT
AGND
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current : IOUT (mA)
XCL219
XCL220
VIN=5.0V


Similar Part No. - XCL219

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL219 TOREX-XCL219 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B083 TOREX-XCL219B083 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B083FR-G TOREX-XCL219B083FR-G Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B093 TOREX-XCL219B093 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B093FR-G TOREX-XCL219B093FR-G Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
More results

Similar Description - XCL219

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com