Electronic Components Datasheet Search
  English  ▼

X  

XCL219 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCL219
Description  1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL219 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCL219 Datasheet HTML 12Page - Torex Semiconductor XCL219 Datasheet HTML 13Page - Torex Semiconductor XCL219 Datasheet HTML 14Page - Torex Semiconductor XCL219 Datasheet HTML 15Page - Torex Semiconductor XCL219 Datasheet HTML 16Page - Torex Semiconductor XCL219 Datasheet HTML 17Page - Torex Semiconductor XCL219 Datasheet HTML 18Page - Torex Semiconductor XCL219 Datasheet HTML 19Page - Torex Semiconductor XCL219 Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19/20
XCL219/XCL220
Series
■
MARKING RULE
●
CL-2025-02
①
represents products series
②
represents integer and oscillation frequency of the output voltage
③
represents the decimal part of output voltage
④
,⑤ represents production lot number
01~09、0A~0Z、11~9Z、A1~A9、AA~AZ、B1~ZZ in order.
(G, I, J, O, Q, W excluded)
Note: No character inversion used.
MARK
PRODUCT SERIES
2
XCL219B*****-G
3
XCL220B*****-G
MARK
TYPE
OUTPUT
VOLTAGE(V)
OSCILLATION
FREQUENCY
(MHz)
PRODUCT
SERIES
N
B
0.x
3.0
XCL2**B0*3**-G
P
1.x
XCL2**B1*3**-G
R
2.x
XCL2**B2*3**-G
S
3.x
XCL2**B3*3**-G
OUTPUT
VOLTAGE(V)
MARK
PRODUCT SERIES
X.0
0
XCL2****0***-G
X.05
A
XCL2****A***-G
X.1
1
XCL2****1***-G
X.15
B
XCL2****B***-G
X.2
2
XCL2****2***-G
X.25
C
XCL2****C***-G
X.3
3
XCL2****3***-G
X.35
D
XCL2****D***-G
X.4
4
XCL2****4***-G
X.45
E
XCL2****E***-G
X.5
5
XCL2****5***-G
X.55
F
XCL2****F***-G
X.6
6
XCL2****6***-G
X.65
H
XCL2****H***-G
X.7
7
XCL2****7***-G
X.75
K
XCL2****K***-G
X.8
8
XCL2****8***-G
X.85
L
XCL2****L***-G
X.9
9
XCL2****9***-G
X.95
M
XCL2****M***-G
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com