Electronic Components Datasheet Search
  English  ▼

X  

SPX2930 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2930 Datasheet HTML 1Page - Sipex Corporation SPX2930 Datasheet HTML 2Page - Sipex Corporation SPX2930 Datasheet HTML 3Page - Sipex Corporation SPX2930 Datasheet HTML 4Page - Sipex Corporation SPX2930 Datasheet HTML 5Page - Sipex Corporation SPX2930 Datasheet HTML 6Page - Sipex Corporation SPX2930 Datasheet HTML 7Page - Sipex Corporation SPX2930 Datasheet HTML 8Page - Sipex Corporation SPX2930 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 05/25/04
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2002 Sipex Corporation
150mA Low Dropout Voltage Regulator
SPX2930
DESCRIPTION
FEATURES
■ 3.3V and 3.5V Versions
■ Output Current in Excess of 150 mA
■ Input-Output Differential is 3.0V at
150mA
■ Mirror-Image Insertion Protection
■ Internal Thermal Protection
■ Available in TO-92, TO-220 and SOT-89
Packages
■ Improved Version of the Industry Standard
LM2930
®
The SPX2930 is a low power, positive voltage regulator. This device is an excellent choice for
use in battery-powered applications such as cordless telephones, radio control systems, and
portable computers. The SPX2930 features offers very low quiescent currents (0.4 mA), and very
low drop output voltage (50 mV at light load and 300 mV at 150 mA). The SPX2930 is offered
in a 3-pin TO-92, TO-220 and SOT-89 package.
APPLICATIONS
■ Portable Instrumentation
■ Cordless Telephones
■ Radio Control Systemss
■ Portable Consumer Devices
■ Toys
■ Radio Controlled Systems
BLOCK DIAGRAM
■ Reverse Battery, Internal Short Circuit,
Reverse Transient and 40V Load
Dump Protection
■ 3% Output Accurancy at 25°C
SPX2930
V
IN
C
1
V
OUT
1µF
100µF,
ESR 0.05 to 0.6
ohms
Gnd
Now Available in Lead Free Packaging
TO-220 (U)
Front View
12
3
V
IN
V
OUT
GND
Bottom View
13
2
V
OUT
GND
V
IN
TO-92 (N)
SOT-89 (M1)
Top View
1
V
IN
2
GND
3
V
OUT


Similar Part No. - SPX2930

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
150 mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
221Kb / 9P
150mA Low Dropout Voltage Regulator
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
3A High Current, Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
More results

Similar Description - SPX2930

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com