Electronic Components Datasheet Search
  English  ▼

X  

SPX2930 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2930 Datasheet HTML 1Page - Sipex Corporation SPX2930 Datasheet HTML 2Page - Sipex Corporation SPX2930 Datasheet HTML 3Page - Sipex Corporation SPX2930 Datasheet HTML 4Page - Sipex Corporation SPX2930 Datasheet HTML 5Page - Sipex Corporation SPX2930 Datasheet HTML 6Page - Sipex Corporation SPX2930 Datasheet HTML 7Page - Sipex Corporation SPX2930 Datasheet HTML 8Page - Sipex Corporation SPX2930 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 05/25/04
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2002 Sipex Corporation
Figure 1. Quiescent Current
Figure 2. Quiescent Current
30
6
4
0
-40
0
80
120
JUNCTION TEMPERATURE (°C)
15
20
25
2
~~
~
~
40
I
O = 0mA
I
O = 50mA
I
O = 150mA
0
0
OUTPUT CURRENT (mA)
30
60
90
5
10
15
20
25
30
V
IN = 14V
Figure 3. Dropout Voltage
Figure 4. Dropout Voltage
0.6
0.5
0.2
0
JUNCTION TEMPERATURE (ºC)
0.4
0.3
0.1
0
40
80
120
I
O
= 150mA
I
O = 50mA
I
O = 10mA
0.4
0.2
OUTPUT CURRENT (mA)
0.3
0.1
0
0
50
100
0.5
0.6
Figure 5. Peak Output Current
Figure 6. Low Voltage Behavior
800
500
0
INPUT VOLTAGE (V)
200
100
10
20
300
400
30
0
T
J = 25ºC
T
J
= 85ºC
T
J
= -40ºC
6.0
3.0
2.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE (V)
4.0
5.0
SPX2930 3.5
I
O = 150 mA
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com