Electronic Components Datasheet Search
  English  ▼

X  

XCL222 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XCL222
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL222 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCL222 Datasheet HTML 7Page - Torex Semiconductor XCL222 Datasheet HTML 8Page - Torex Semiconductor XCL222 Datasheet HTML 9Page - Torex Semiconductor XCL222 Datasheet HTML 10Page - Torex Semiconductor XCL222 Datasheet HTML 11Page - Torex Semiconductor XCL222 Datasheet HTML 12Page - Torex Semiconductor XCL222 Datasheet HTML 13Page - Torex Semiconductor XCL222 Datasheet HTML 14Page - Torex Semiconductor XCL222 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
XCL221/XCL222
Series
■
NOTE ON USE (Continued)
17. Please use within the power dissipation range below. Please also note that the power dissipation may changed by test
conditions, the power dissipation figure shown is PCB mounted.
Pd vs Operating Temperature
Pakage Body Temperature vs Operating Temperature
the power loss of micro DC/DC according to the following formula:
power loss = VOUT×IOUT×((100/EFFI) – 1) (W)
VOUT : Output Voltage (V)
IOUT : Output Current (A)
EFFI : Conversion Efficiency (%)
Measurement Condition (Reference data)
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm (1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6mm
Through-hole: 4 x 0.8 Diameter
Evaluation Board (unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com