Electronic Components Datasheet Search
  English  ▼

X  

XCL222 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL222
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL222 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL222 Datasheet HTML 10Page - Torex Semiconductor XCL222 Datasheet HTML 11Page - Torex Semiconductor XCL222 Datasheet HTML 12Page - Torex Semiconductor XCL222 Datasheet HTML 13Page - Torex Semiconductor XCL222 Datasheet HTML 14Page - Torex Semiconductor XCL222 Datasheet HTML 15Page - Torex Semiconductor XCL222 Datasheet HTML 16Page - Torex Semiconductor XCL222 Datasheet HTML 17Page - Torex Semiconductor XCL222 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
XCL221/XCL222 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
(2) Efficiency vs. Output Current
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current: IOUT [mA]
Vin=2.5V
Vin=3.3V
Vin=4.2V
Vin=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current: IOUT [mA]
Vin=2.5V
Vin=3.3V
Vin=4.2V
Vin=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current: IOUT [mA]
Vin=3.0V
Vin=3.6V
Vin=4.2V
Vin=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current: IOUT [mA]
Vin=3.0V
Vin=3.6V
Vin=4.2V
Vin=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current: IOUT [mA]
Vin=4.2V
Vin=5.0V
Vin=5.5V
XCL221B121ER-G
XCL222B121ER-G
XCL221B181ER-G
XCL222B181ER-G
XCL221B331ER-G
XCL222B331ER-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com