Electronic Components Datasheet Search
  English  ▼

X  

SPX2940 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2940
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2940 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2940 Datasheet HTML 1Page - Sipex Corporation SPX2940 Datasheet HTML 2Page - Sipex Corporation SPX2940 Datasheet HTML 3Page - Sipex Corporation SPX2940 Datasheet HTML 4Page - Sipex Corporation SPX2940 Datasheet HTML 5Page - Sipex Corporation SPX2940 Datasheet HTML 6Page - Sipex Corporation SPX2940 Datasheet HTML 7Page - Sipex Corporation SPX2940 Datasheet HTML 8Page - Sipex Corporation SPX2940 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 5/25/04
SPX2940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Ground Current vs Load Current
Figure 5. Ground Current vs Input Voltage
Reference
Thermal
Shutdown
IN
OUT
GND
O.V
I
LIMIT
28V
R1
R2
1.240V
+
-
Ibias
BLOCK DIAGRAM
3.320
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
46
8
10
12
14
16
VIN (V)
3.3V Device
IL = 10mA
CL = 10µF
3.310
3.305
3.300
3.295
3.290
3.285
3.280
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN = 4.3V
CL = 10µF
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN = 4.3V
CL = 10µF
300
280
260
240
220
200
180
46
8
10
12
14
16
VIN (V)
3.3V Device
IL = 10mA
CL = 10µF
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com