Electronic Components Datasheet Search
  English  ▼

X  

SPX2940 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2940
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2940 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2940 Datasheet HTML 1Page - Sipex Corporation SPX2940 Datasheet HTML 2Page - Sipex Corporation SPX2940 Datasheet HTML 3Page - Sipex Corporation SPX2940 Datasheet HTML 4Page - Sipex Corporation SPX2940 Datasheet HTML 5Page - Sipex Corporation SPX2940 Datasheet HTML 6Page - Sipex Corporation SPX2940 Datasheet HTML 7Page - Sipex Corporation SPX2940 Datasheet HTML 8Page - Sipex Corporation SPX2940 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 5/25/04
SPX2940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
The SPX2940 incorporates protection against
over-current faults, reversed load insertion, over
temperature operation, and positive and nega-
tive transient voltage.
Thermal Considerations
Although the SPX2940 offers limiting circuitry
for overload conditions, it is still necessary to
insure that the maximum junction temperature
is not exceeded in the application. Heat will
flow through the lowest resistance path, the
junction-to-case path. In order to insure the best
thermal flow of the component, proper mount-
ing is required. Consult heatsink manufacturer
for thermal resistance and design of heatsink.
For example, TO-220 design:
Assume that V
IN = 10V, VOUT = 5V, IOUT = 1.5A,
T
A = 50°C/W, θHA= 1°C/W, θCH = 2°C/W, and
θ
JC = 3°C/W.
Where TA = ambient temperature
θ
HA = heatsink to ambient thermal resistance
θ
CH = case to heatsink thermal resistance
θ
JC = junction to case thermal resistance
The power calculated under these conditions is:
P
D = (VIN - VOUT) * IOUT = 7.5W.
And the junction temperature is calculated as
T
J = TA + PD * (θHA + θCH + θJC) or
T
J = 50 + 7.5 * (1 + 2 + 3) = 95°C
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure stability and minimize the output noise. The value of the
capacitor varies with the load. However, a minimum value of 10
µF aluminum capacitor will guarantee
stability over all load conditions. A tantalum capacitor is recommended if a faster load transient
response is needed.
If the power source has a high AC impedance, a 0.1
µF ceramic capacitor between input & ground is
recommended.
Minimum Load Current
To ensure a proper behavior of the regulator under light load, a minimum load of 5mA for SPX2940
is required.
SPX2940
V
OUT
V
IN
+
6.8µF
+
10µF
1
2
3
Figure 18. Fixed Output Linear Regulator.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com