Electronic Components Datasheet Search
  English  ▼

X  

SPX29501 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX29501
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX29501 Datasheet HTML 1Page - Sipex Corporation SPX29501 Datasheet HTML 2Page - Sipex Corporation SPX29501 Datasheet HTML 3Page - Sipex Corporation SPX29501 Datasheet HTML 4Page - Sipex Corporation SPX29501 Datasheet HTML 5Page - Sipex Corporation SPX29501 Datasheet HTML 6Page - Sipex Corporation SPX29501 Datasheet HTML 7Page - Sipex Corporation SPX29501 Datasheet HTML 8Page - Sipex Corporation SPX29501 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS: Continued
Specifications are at VIN = VOUT + 1V and IOUT = 10mA, CIN = 6.8µF, COUT = 22µF, TA = 25°C, unless otherwise specified.
The
♦ denotes the specifications which apply over the full operating temperature range, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Flag Output (Error Comparator)
SPX29501/03
Output Leakage
0.01
1
µAVOH=16V
Current
2
♦
Output Low Voltage
220
300
mV
Device set for 5V,VIN=4.5V, IOL=250µA
400
♦
Upper Threshold
40
60
mV
Device set for 5V, (Note 8)
Voltage
25
♦
Lower Threshold
75
95
mV
Device set for 5V, (Note 8)
Voltage
140
♦
Hysteresis
15
mV
Device set for 5V, (Note 8)
Enable Input
SPX29501/02
Input Logic Voltage
Low (OFF)
0.8
V
(Note 10)
High (ON)
2.4
ENABLE Input Current
100
600
µAVEN=16V
750
♦
0.6
2
µAVEN=0.8V
4
♦
Regulator Output
10
µA
(Note 9)
Current in Shutdown
500
♦
Thermal Resistance
2
°C/W
TO-220 Junction to Case, at Tab
60
TO-220 Junction to Ambient
2
TO-263 Junction to Case, at Tab
60
TO-263 Junction to Ambient
NOTES:
Note 1: Maximum positive supply voltage of 20V must be of limited duration (<100ms) and duty cycle of less than 1%. The
maximum continuous supply voltage is 16V.
Note 2: Full load current (IFL) is defined as 5A.
Note 3: VIN = VOUT (NOMINAL) +1V. For example, use VIN = 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize
temperature rise.
Note 4 Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current
plus the ground pin current.
Note 5: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6: Thermal regulation is defined as the change in output voltage at time T after a change in power dissipation is applied,
excluding load / line regulation effects. Specifications for a 200mA load pulse as VIN = 20V (a 4W pulse) for t = 10ms.
Note 7: VREF≤ VOUT ≤ (VIN-1), 2.3V≤VIN ≤ 16V, 10mA ≤ IL ≤ IFL, Tj < Tjmax.
Note 8: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference
voltage measured 6V input. To express these thresholds in terms of output voltage change, multiply the error amplifier gain =
VOUT/VREF = (R1 + R2)/R2. For example, at a programmable output voltage of 5V, the Error output is guaranteed to go low when
the output drops by 95mVx 5V/ 1.240V = 383mV. Threshold remain constant as a percent of VOUT as VOUT is varied, with the
dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 9: VEN ≤ 0.4V and VIN ≤ 16V, VOUT = 0.
Note 10: Measured with IOUT = IOUT MIN (10mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com