Electronic Components Datasheet Search
  English  ▼

X  

SPX29501 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX29501
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX29501 Datasheet HTML 3Page - Sipex Corporation SPX29501 Datasheet HTML 4Page - Sipex Corporation SPX29501 Datasheet HTML 5Page - Sipex Corporation SPX29501 Datasheet HTML 6Page - Sipex Corporation SPX29501 Datasheet HTML 7Page - Sipex Corporation SPX29501 Datasheet HTML 8Page - Sipex Corporation SPX29501 Datasheet HTML 9Page - Sipex Corporation SPX29501 Datasheet HTML 10Page - Sipex Corporation SPX29501 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGES: 3 PIN TO-263
E
M
P
W
L
-A-
N
R
B
S
H
A
K
G
D
C
DIMENSIONS
in inches
SYMBOL
MIN
MAX
A
.396
0.406
B
0.326
0.336
C
0.170
0.180
D
0.026
0.036
E
0.045
0.055
G
0.100 REF
0.100 REF
H
0.580
0.620
K
0.055
0.066
L
.000
.010
M
0.098
0.108
N
.017
.023
P
.090
.110
R0°
8°
S
.095
.105
U
.30 REF
.30 REF
V
.305 REF
.305 REF
W
.010
.010
V
U
TERMINAL 8
3 Pin TO-263



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com