Electronic Components Datasheet Search
  English  ▼

X  

SPX2954 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SPX2954
Description  250mA Low Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SPX2954 Datasheet HTML 9Page - Sipex Corporation SPX2954 Datasheet HTML 10Page - Sipex Corporation SPX2954 Datasheet HTML 11Page - Sipex Corporation SPX2954 Datasheet HTML 12Page - Sipex Corporation SPX2954 Datasheet HTML 13Page - Sipex Corporation SPX2954 Datasheet HTML 14Page - Sipex Corporation SPX2954 Datasheet HTML 15Page - Sipex Corporation SPX2954 Datasheet HTML 16Page - Sipex Corporation SPX2954 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
16
PACKAGE: 3 Lead SOT-223
0.116
0.124
0.146
0.130
0.295
0.264
0.041
0.033
0.0905 NOM
0.181 NOM
0.264
0.248
0.0040
0.0008
0.033
0.025
0.067
0.028
0.014
0.010
10°C
16°C
10°C
16°C
10°C Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com