Electronic Components Datasheet Search
  English  ▼

X  

SPX2954 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2954
Description  250mA Low Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2954 Datasheet HTML 1Page - Sipex Corporation SPX2954 Datasheet HTML 2Page - Sipex Corporation SPX2954 Datasheet HTML 3Page - Sipex Corporation SPX2954 Datasheet HTML 4Page - Sipex Corporation SPX2954 Datasheet HTML 5Page - Sipex Corporation SPX2954 Datasheet HTML 6Page - Sipex Corporation SPX2954 Datasheet HTML 7Page - Sipex Corporation SPX2954 Datasheet HTML 8Page - Sipex Corporation SPX2954 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
Comparator Sink Current
2.5
1.5
OUTPUT LOW VOLTAGE (V)
2.0
1.0
0.5
0.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.9
T
A = -55ºC
T
A = 25ºC
T
A = 125ºC
Line Transient Response
TIME(
µs)
100
0
200
400
600
800
4V
6V
8V
-50
0
50
~
~
mV
mV
mV
C
L = 1µF
I
L = 1mA
V
OUT = 5V
Error Comparator Output
8
6
0
INPUT VOLTAGE (V)
4
2
0
-2
12
3
4
5
V
OUT = 5V
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
HYSTERESIS
Output Impedance
10
0.5
0.1
0.02
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
5
0.2
0.05
0.01
1
2
I
O = 100mA
I
O = 100µA
I
O = 1mA
V
OUT = 5V
C
L = 1µF
Ripple Rejection
90
70
60
40
10 1
10 2
10 3
10 4
10 5
10 6
FREQUENCY (Hz)
80
50
20
30
I
L = 100µA
I
L = 0
C
L = 1µF
V
IN = 6V
V
OUT = 5V
Ripple Rejection
FREQUENCY (Hz)
10 6
10 3
10 2
10 1
90
80
70
60
50
20
40
30
10 4
10 5
I
L = 10mA
I
L = 1mA
C
L= 1µF
V
IN = 6V
V
OUT = 5V
Drop-Out Voltage
400
300
40
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
500
200
0
I
L = 150mA
I
L = 100µA
~
~
Drop-Out Voltage
T
J = 25ºC
OUTPUT CURRENT
100mA
10mA
1mA
100
µA
500
400
300
200
100
0
Short Circuit Current
240
220
200
180
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
230
210
190
170
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com