Electronic Components Datasheet Search
  English  ▼

X  

MUSES02 Datasheet(PDF) 10 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 10 Page - New Japan Radio

Back Button MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio MUSES02 Datasheet HTML 10Page - New Japan Radio MUSES02 Datasheet HTML 11Page - New Japan Radio MUSES02 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MUSES02
- 10 -
Ver.2015-04-13
Open-Loop Voltage Gain vs. Temperature
RL=2kΩ to 0V, V
+/V-=±3.5V, Vo=-1V to +1V
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Common-Mode Rejection Ratio vs. Temperature
(Input Common-Mode Voltage)
V
+/V-=±16V
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Vicm=-13V to 0V
Vicm=0V to +13V
Common-Mode Rejection Ratio vs. Temperature
(Input Common-Mode Voltage)
V
+/V-=±15V
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Vicm=-12V to 0V
Vicm=0V to +12V
Common-Mode Rejection Ratio vs. Temperature
(Input Common-Mode Voltage)
V
+/V-=±3.5V
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Vicm=-1V to 0V
Vicm=0V to +1V
Maximum Output Voltage vs.
Load Resistance (Temperature)
V
+/V-=±15V, G
V=open, RL to 0V
-16
-12
-8
-4
0
4
8
12
16
10
100
1000
10000
100000
Load Resistance [Ω]
85°C
25°C
-40°C
Maximum Output Voltage vs.
Load Resistance (Temperature)
V
+/V-=±16V, G
V=open, RL to 0V
-16
-12
-8
-4
0
4
8
12
16
10
100
1000
10000
100000
Load Resistance [Ω]
85°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com