Electronic Components Datasheet Search
  English  ▼

X  

MUSES02 Datasheet(PDF) 9 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 9 Page - New Japan Radio

Back Button MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio MUSES02 Datasheet HTML 10Page - New Japan Radio MUSES02 Datasheet HTML 11Page - New Japan Radio MUSES02 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MUSES02
- 9 -
Ver.2015-04-13
Input Bias Current vs. Input Common-Mode
Voltage (Temperature)
V
+/V-=±15V
0
100
200
300
400
500
-16
-12
-8
-4
0
4
8
12
16
Common-Mode Voltage [V]
Ta=25°C
85°C
-40°C
Input Bias Current vs. Input Common-Mode
Voltage (Temperature)
V
+/V-=±3.5V
0
100
200
300
400
500
-4
-3
-2
-1
0
1
2
3
4
Common-Mode Voltage [V]
Ta=25°C
85°C
-40°C
Input Offset Current vs. Temperature
(Supply Voltage)
Vicm=0V
-200
-150
-100
-50
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V+/V-=±15V
±16V
±3.5V
Open-Loop Voltage Gain vs. Temperature
RL=2kΩ to 0V, V
+/V-=±16V, Vo=-11V to +11V
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Open-Loop Voltage Gain vs. Temperature
RL=2kΩ to 0V, V
+/V-=±15V, Vo=-10V to +10V
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Input Offset Voltage vs. Output Voltage
(Temperature)
V
+/V-=±15V, R
L=2kΩ to 0V
-3
-2
-1
0
1
2
3
-16
-12
-8
-4
0
4
8
12
16
Output Voltage [V]
-40°C
Ta=25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com