Electronic Components Datasheet Search
  English  ▼

X  

TLP3312 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3312
Description  Battery Control Measuring Instruments Logic IC Testers / Memory Testers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3312 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3312 Datasheet HTML 1Page - Toshiba Semiconductor TLP3312 Datasheet HTML 2Page - Toshiba Semiconductor TLP3312 Datasheet HTML 3Page - Toshiba Semiconductor TLP3312 Datasheet HTML 4Page - Toshiba Semiconductor TLP3312 Datasheet HTML 5Page - Toshiba Semiconductor TLP3312 Datasheet HTML 6Page - Toshiba Semiconductor TLP3312 Datasheet HTML 7Page - Toshiba Semiconductor TLP3312 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP3312
2014-09-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3312
Battery Control
Measuring Instruments
Logic IC Testers / Memory Testers
The TOSHIBA TLP3312 is an ultra-small photorelay suitable for
surface-mount assembly. The TLP3312 consists of a GaAs infrared-
emitting diode optically coupled to a photo-MOSFET and is housed in a
4-pin package.
Its features include low Off-state current and low output pin capacitance.
Features
• 4-pin USOP (SSOP4): height=1.65 mm, pitch=1.27 mm
• 1-Form-A
• Peak Off-State Voltage: 60 V (min)
• Trigger LED Current: 3 mA (max)
• On-State Current: 400 mA (max)
• On-State Resistance: 1.5 Ω (max), 1.0 Ω (typ.)
• Isolation Voltage: 500 Vrms (min)
Pin Configuration (Top View)
Schematic
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
1
2
4
3
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
11-2C1
Weight: 0.03 g (typ.)
Start of commercial production
2009/03


Similar Part No. - TLP3312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
25-Sep-2002
TLP331 TOSHIBA-TLP331 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3316 TOSHIBA-TLP3316 Datasheet
213Kb / 7P
Photocouplers Photorelay
2020-02-19 Rev.4.0
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
OFF-state output terminal voltage - 80 V (min)
More results

Similar Description - TLP3312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
07-Jul-2003
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
08-Jan-2004
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3231 TOSHIBA-TLP3231_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com