Electronic Components Datasheet Search
  English  ▼

X  

TLP3312 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3312
Description  Battery Control Measuring Instruments Logic IC Testers / Memory Testers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3312 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3312 Datasheet HTML 1Page - Toshiba Semiconductor TLP3312 Datasheet HTML 2Page - Toshiba Semiconductor TLP3312 Datasheet HTML 3Page - Toshiba Semiconductor TLP3312 Datasheet HTML 4Page - Toshiba Semiconductor TLP3312 Datasheet HTML 5Page - Toshiba Semiconductor TLP3312 Datasheet HTML 6Page - Toshiba Semiconductor TLP3312 Datasheet HTML 7Page - Toshiba Semiconductor TLP3312 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP3312
2014-09-01
3
Coupled Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Trigger LED Current
IFT
ION = 100 mA
⎯
⎯
3
mA
Close LED Current
IFC
IOFF = 10 μA
0.2
⎯
⎯
mA
On-State Resistance
RON
ION = 400 mA, IF = 5 mA
⎯
1.0
1.5
Ω
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
⎯
0.3
⎯
pF
Isolation Resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 10
10
1014
⎯
Ω
Isolation Voltage
BVS
AC, 1 minute
500
⎯
⎯
Vrms
AC, 1 second (in oil)
⎯
1000
⎯
DC, 1 minute (in oil)
⎯
1000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Turn-on Time
tON
RL = 200 Ω
(Note 2)
VDD =20 V, IF = 5 mA
⎯
⎯
500
μs
Turn-off Time
tOFF
⎯
⎯
500
Note 2: Switching time test circuit
4
RL
VDD
VOUT
3
1
2
IF
VOUT
IF
tON
tOFF
90%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com