Electronic Components Datasheet Search
  English  ▼

X  

LS6505 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS6505
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6505 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS6505_06 Datasheet HTML 1Page - LSI Computer Systems LS6505_06 Datasheet HTML 2Page - LSI Computer Systems LS6505_06 Datasheet HTML 3Page - LSI Computer Systems LS6505_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TABLE 1
OUTPUT DURATION TIMER AS A FUNCTION OF TIMER
CONTROL INPUT VOLTAGE
(f = Frequency at AC input)
TABLE 2
DEAD TIME DURATION AS A FUNCTION OF THE
STATE OF DEAD TIME SELECT INPUT
(f = Frequency at AC input)
6505-012703-3
+
-
AMP
+
-
AMP
+
-
COMP
+
-
COMP
3
2
1
13
15
16
DIFF AMP 2
OUTPUT
DIFF AMP 2
INPUT (-)
DIFF AMP 1
OUTPUT
DIFF AMP 1
INPUT (-)
DIFF AMP 1
INPUT (+)
11
10
12
A/D
CONVERTER
OUTPUT
DURATION
TIMER
DIGITAL
FILTER
CONTROL
LOGIC
DEAD
TIME
TIMER
1 SECOND
PULSE GEN
+
V
OUTPUT
BUFFER
ZERO CROSS-OVER
DETECT
8
6
9
7
5
TIMER
CONTROL
INPUT
OPERATION SELECT
INPUT
PULSE MODE
SELECT INPUT
DEAD TIME
SELECT INPUT
VDD
VSS
LED OUTPUT
TRIAC OUTPUT
AC INPUT
FIGURE 2. LS6505 BLOCK DIAGRAM
PULSE
SELECT
LOGIC
WINDOW
COMPARATOR
(+V)
(-V)
14
WARNING OUTPUT
4
MODE SELECT INPUT
0
18
15
sec
1/16 VDD
36
30
sec
2/16 VDD
54
45
sec
3/16VDD
72
60
sec
4/16 VDD
2.4
2
min
5/16 VDD
3.6
3
min
6/16 VDD
4.8
4
min
7/16 VDD
6
5
min
8/16 VDD
7.2
6
min
9/16 VDD
8.4
7
min
10/16 VDD
9.6
8
min
11/16VDD
10.8
9
min
12/16 VDD
12
10
min
13/16 VDD
14.4
12
min
14/16 VDD
16.8
14
min
15/16 VDD
18
15
min
INPUT VOLTAGE
f = 50Hz
f = 60Hz
UNIT
0
0
0
sec
OPEN
1.2
1
sec
1
2.4
2
sec
INPUT STATE
f = 50Hz
f = 60Hz
UNIT
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com