Electronic Components Datasheet Search
  English  ▼

X  

LS6505 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS6505
Description  PIR SENSOR INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6505 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS6505_06 Datasheet HTML 1Page - LSI Computer Systems LS6505_06 Datasheet HTML 2Page - LSI Computer Systems LS6505_06 Datasheet HTML 3Page - LSI Computer Systems LS6505_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
• Direct Interface with PIR Sensor
• Two-Stage Differential Amplifier
• Amplifier Gain and Bandwidth externally controlled
• Window Comparator and Digital Filter limit Noise
• Triac Output Drive
• Programmable Output Duration Timer
• Selectable Dead Time
• Single or Dual Pulse Detection
• Timing derived from 50Hz/60Hz AC
• Motion Detection LED Indicator
• LS6505 (DIP), LS6505-S (SOIC) - See Figure 1
APPLICATIONS:
Wall and ceiling mounted occupancy sensors providing
energy savings and convenience.
DESCRIPTION (See Figure 2)
The LS6505 is a CMOS integrated circuit, designed for detecting
motion from a PIR Sensor and initiating appropriate responses.
DIFFERENTIAL AMPLIFIER
Each stage of the two stage Differential Amplifier can be set to
have its own amplification and bandwidth. The two inputs to the
first stage allow for single ended or differential connection to PIR
Sensors. This stage can be biased anywhere in its dynamic range.
The second stage is internally biased so that the Window Compar-
ator’s lower and higher thresholds can be fixed relative to this bias.
WINDOW COMPARATOR
The Window Comparator provides noise filtering by enabling only
those signals equal to or greater than a fixed threshold at the out-
put of the Differential Amplifier to appear at the output of the
Window Comparator.
COMPARATOR DIGITAL FILTER
The output of the Window Comparator is filtered so that motion
must be present for a certain duration before it can be recognized
and appear as pulses at the Digital Filter output.
SINGLE PULSE / DUAL PULSE MODES
The logic level at the Pulse Mode Select input selects Single Pulse
(SP) or Dual Pulse (DP) mode. The trigger for the Output Duration
Timer is generated by requiring one (SP Mode) or two (DP Mode)
pulses to be present at the Digital Filter output within a specified
time period. SP Mode = 0; DP Mode = 1
OUTPUT DURATION TIMER (See Table 1 and Figure 3)
The timeout is selected by the voltage level at the Timer Control in-
put. The Timer’s trigger is generated from pulses at the Digital filter
output. In Auto operation, the Timer controls the On duration of the
Triac output and is retriggerable.
DEAD TIME (See Table 2)
False turn-ons are prevented from occurring by establishing a
Dead Time between the end of the timeout of the Output Duration
Timer and the retriggering of that Timer.
TRIAC OUTPUT
This open drain output turns On when the Output Duration
Timer is triggered. The output drives a Triac gate. With the Out-
put Duration Timer On and a 2.7V P-P 60Hz signal applied to
the AC input, this output produces a negative going pulse in
each half-cycle delayed a nominal 1.2ms from the zero crossing.
There is no more than 150us difference between the zero-
crossing delay of each pulse.
WARNING OUTPUT
This output goes high for 2 sec beginning 7.5 sec before the
Triac output turns off. This signal can be used to trigger an
audible or visual alert.
LED OUTPUT (See Figure 3)
Normally, the status of the LED output is opposite to the Triac
output, but in Auto operation the LED output flashes on for one
second whenever motion is detected.
MODE SELECT
Open = Mode A, Vss = Mode B, VDD = Mode C
OPERATION SELECT (See Figure 3, S1)
The 3-state Operation Select input determines the operation of
LS6505 in accordance with the selected Mode as shown below:
Input
Mode A
*Mode B
Mode C
VDD
On
(1)
(3)
Open
Auto
Prior Condition
Auto
Vss
Off
(2)
(4)
(1) Momentary application of VDD turns on the Triac output and
starts Auto operation. After the Triac output is off for 15
seconds, Auto operation terminates.
(2) Momentary application of Vss turns off the Triac output.
(3) Same as (1) except that Auto operation does not terminate.
(4) Same as (2) except that after the Triac output is off for 8
seconds, Auto operation begins.
*Note: Mode B is compliant with California Title 24.
PIR SENSOR INTERFACE
September 2006
6505-092806-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS6505
UL
®
A3800
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIFF. AMP. 2 INPUT (- )
DIFF. AMP. 2 OUTPUT
AC INPUT
TRIAC OUTPUT
V DD
DIFF. AMP 1 INPUT (- )
DIFF. AMP 1 INPUT (+ )
TIMER CONTROL INPUT
DEAD TIME SELECT INPUT
OPERATION SELECT INPUT
PULSE MODE
SELECT INPUT
LED OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1
DIFF. AMP. 1 OUTPUT
V SS
15
16
MODE SELECT INPUT
WARNING OUTPUT


Similar Part No. - LS6505_06

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
More results

Similar Description - LS6505_06

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com