Electronic Components Datasheet Search
  English  ▼

X  

TLP240GF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TLP240GF
Description  OFF-state output terminal voltage - 350 V (min)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240GF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP240GF Datasheet HTML 5Page - Toshiba Semiconductor TLP240GF Datasheet HTML 6Page - Toshiba Semiconductor TLP240GF Datasheet HTML 7Page - Toshiba Semiconductor TLP240GF Datasheet HTML 8Page - Toshiba Semiconductor TLP240GF Datasheet HTML 9Page - Toshiba Semiconductor TLP240GF Datasheet HTML 10Page - Toshiba Semiconductor TLP240GF Datasheet HTML 11Page - Toshiba Semiconductor TLP240GF Datasheet HTML 12Page - Toshiba Semiconductor TLP240GF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLP240G,TLP240GF
9
18.
18.
18.
18. EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
•
Part number: TLP240G (Note)
(Note)
(Note)
(Note)
•
The following part naming conventions are used for the devices that have been qualified according to
option (D4) of EN60747.
Example: TLP240G(D4-TP1,F(O
D4: EN60747 option
TP1: Tape type
F: [[G]]/RoHS COMPATIBLE (Note 1)
(Note 1)
(Note 1)
(Note 1)
O: Domestic ID (Country/Region of origin: Japan)
Note:
Use TOSHIBA standard type number for safety standard application.
e.g., TLP240G(D4-TP1,F(O → TLP240G
Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
Fig.
Fig.
Fig.
Fig. 18.1
18.1
18.1
18.1 EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
2015-09-10
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com