Electronic Components Datasheet Search
  English  ▼

X  

TLP240GF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP240GF
Description  OFF-state output terminal voltage - 350 V (min)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240GF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP240GF Datasheet HTML 1Page - Toshiba Semiconductor TLP240GF Datasheet HTML 2Page - Toshiba Semiconductor TLP240GF Datasheet HTML 3Page - Toshiba Semiconductor TLP240GF Datasheet HTML 4Page - Toshiba Semiconductor TLP240GF Datasheet HTML 5Page - Toshiba Semiconductor TLP240GF Datasheet HTML 6Page - Toshiba Semiconductor TLP240GF Datasheet HTML 7Page - Toshiba Semiconductor TLP240GF Datasheet HTML 8Page - Toshiba Semiconductor TLP240GF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLP240G,TLP240GF
1
Photocouplers Photorelay
TLP240G,TLP240GF
TLP240G,TLP240GF
TLP240G,TLP240GF
TLP240G,TLP240GF
Start of commercial production
2013-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP240G and TLP240GF photorelay consist of a photo MOSFET optically coupled to an infrared light emitting
diode. They are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them
suitable for applications that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally opened (1-Form-A)
(2)
OFF-state output terminal voltage: 350 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 100 mA (max)
(5)
ON-state resistance: 35 Ω (max, t < 1 s), 50 Ω (max, Continuous)
(6)
Isolation voltage: 5000 Vrms (min)
(7)
Safety standards
UL-approved UL1577 File No. E67349
cUL-approved CSA Component Acceptance Service No. 5A File No. E67349
VDE-approved: Option (D4) EN60747-5-5 (Note)
(Note)
(Note)
(Note)
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP240GA
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP240GAF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-09-10
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TLP240GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP240GAF TOSHIBA-TLP240GAF Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
More results

Similar Description - TLP240GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
OFF-state output terminal voltage - 80 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
OFF-state output terminal voltage - 100 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
OFF-state output terminal voltage - 20 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
OFF-state output terminal voltage - 40 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
OFF-state output terminal voltage - 20 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
OFF-state output terminal voltage - 60 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
OFF-state output terminal voltage - 50 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com